Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CMM8 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CMM8
Description  CO2 Analyser PCE-CMM 8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CMM8 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CMM8 Datasheet HTML 1Page - PCE Instruments. PCE-CMM8 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measured variable CO2
 
Measuring range
0 ... 9999 ppm
Accuracy
± 75ppm or ±5 % of measured value (whichever is
greater)
Resolution
1ppm
CO2 sensor type
NDIR Sensor
 
 
Measured variable
temperature
 
Measuring range
-10 ... 50 °C / 14 ... 122 °F
Accuracy
±1 °C
Resolution
0.1 °C
 
 
Measured variable air
humidity
Measuring range
20 ... 95 % r.H.
Accuracy
±5 % r.H.
Resolution
1 % r.H.
 
 
Display
3.5" touch LC display
Power supply
5 V Mini-USB
Standby power
<0.5 W
Ambient conditions
1 ... 85 °C / 34 ... 185 °F / 20 ... 85 % r.H.
Degree of protection
IP21
Dimensions
96 x 86 x 32.5 mm  / 3.7 x 3.4 x 1.2"
Weight
200 g / 7 oz
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com