Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT110 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT110
Description  Air Humidity Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT110 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT110 Datasheet HTML 1Page - PCE Instruments. PCE-HT110 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
© PCE Instruments
PCE-HT110 Air Humidity Meter
2-channel data logger with real-time LCD display and SD card memory
The PCE-HT110 Air Humidity Meter or Humidity Detector precisely measures air temperature and
relative humidity. This accurate and reliable device shows the current measurements on the large LCD
display and saves the measurement data directly to an SD card (included). The PCE-HT110 is
equipped with two channels, accommodates an SD card memory of up to 16 GB, offers an adjustable
measurement rate / sampling interval, and includes a wall mount, making the device ideal for logging
data over an extended period of time.
The PCE-HT110 Humidity Detector can be used to monitor climate-controlled environments such as
supermarket refrigerators, refrigerated / reefer trucks and cold storage units. It is also useful for
monitoring home HVAC systems, wood floor installations, cigar humidors, industrial heating and
cooling processes, machine operating temperatures and product storage / warehouse conditions.
The PCE-HT110 comes factory calibrated. For an additional fee, the PCE-HT110 can be calibrated
according to ISO standards. See accessories for details.
- Low battery indication
- Programmable date and time
- Impact-resistant electrical components
- Sturdy, dust- and water-resistant enclosure
- .XLS data format (compatible with Microsoft Excel)
- Battery powered (optional 9 V AC adapter available)
- Optional USB data cable incl. software allows real-time data visualization via PC
Technical specifications
Measurement ranges
0 … +50 °C / 32 °F ... 122 °F, 10 ... 90 % RH
Accuracy
±0.8 °C, >+70 % RH ±4 % of the measurement value ±1 %
RH, > +70 % RH ±4 % RH
Resolution
0.1 °C / 0.1 % RH
Memory
1 ... 16 GB SD card
Measurement rate / sampling interval
5, 10, 30, 60, 120, 300 or 600 seconds, or auto (it stores
data when there is an alteration in the value of ±1 ºC, or ± 1
% RH)
Date and time
Programmable
Power
6 x 1.5 V AAA batteries / 9 V power adapter (optional)
Operating conditions
0...+50 °C / 32 °F ... 122 °F, 0 ... 90 % RH
Dimensions
132 mm x 80 mm x 32 mm / 5.2 in x 3.1 in x 1.3 in
Weight
282 g / 0.62 lbs
Delivery content
1 x PCE-HT110 air humidity meter
1 x SD memory card
1 x wall mount
6 x batteries
1 x user manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com