Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFS200-P Datasheet(PDF) 1 Page - LEM

Part # HTFS200-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTFS200-P Datasheet(HTML) 1 Page - LEM

  HTFS200-P Datasheet HTML 1Page - LEM HTFS200-P Datasheet HTML 2Page - LEM HTFS200-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Current Transducer HTFS 200..800-P/SP2
For the electronic measurement of currents : DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
All Data are given with a R
L = 10 kΩ
Electrical data
Primary nominal
Primary current
Type
r.m.s. current
measuring range
I
PN (A)
I
P (A)
200
±300
HTFS 200-P/SP2
400
±600
HTFS 400-P/SP2
800
±1200
HTFS 800-P/SP2
V
OUT
Analog output voltage @ I
P
V
REF ±(1.25·IP/IPN)
V
I
P = 0
V
REF ± 0.025
V
V
REF
Internal Reference1) - Output voltage
1/2V
C ± 0.025
V
V
REF Output impedance
typ. 200
Ω
V
REF Load impedance
≥ 200
k
Ω
R
L
Output load resistance
≥ 2
k
Ω
R
OUT
Output impedance
< 10
Ω
C
L
Max. output capacitive load
< 1
µF
V
C
Supply voltage (± 5 %)
5
V
I
C
Current consumption @ V
C = 5 V
22
mA
Accuracy - Dynamic performance data
X
Accuracy 2) @ I
PN , TA = 25°C
≤±1
% of I
PN
ε
L
Linearity 0 .. 1.5 x I
PN
≤±0.5
% of I
PN
TCV
OUT Thermal drift of VOUT @ IP = 0
≤±0.3
mV/K
TCV
REF Thermal drift of VREF
≤±0.01
%/K
TCV
OUT / VREF Thermal drift of VOUT / VREF @ IP = 0
≤±0.2
mV/K
TC
ε
G
Thermal drift of the gain
≤±0.05% of reading/K
V
OM
Residual voltage @ I
P = 0, after an overload of 3 x IPN DC <±0.5
% of I
PN
t
ra
Reaction time @ 10 % of I
PN
< 3
µs
t
r
Response time @ 90 % of I
PN
< 7
µs
di/dt
di/dt accurately followed
> 100
A/µs
Output noise (DC ..10 kHz)
< 15
mVpp
(DC .. 1 MHz)
< 40
mVpp
f
Frequency bandwidth (-3 dB) 3)
DC .. 20
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 105
°C
T
S
Ambient storage temperature
- 40 .. + 105
°C
dCp
Creepage distance
> 4
mm
dCl
Clearance distance
> 4
mm
CTI
Comparative tracking index (Group IIIa)
220
V
UL94 classification
V0
m
Mass
60
g
Standards
EN 50178 (97-10-01)
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Low power consumption
• Single power supply +5V
• Ratiometric offset
• T
A = -40..+105 °C
• PCB fixation by 4 Ø1 pins
Advantages
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
• V
REF. IN/OUT
Applications
• Forklift drives
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
I
PN = 200 - 400 - 800A
041222/2
LEM Components
www .lem.com


Similar Part No. - HTFS200-P

ManufacturerPart #DatasheetDescription
logo
LEM
HTFS200-P LEM-HTFS200-P Datasheet
166Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P Datasheet
416Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_12 Datasheet
416Kb / 3P
Current Transducer
More results

Similar Description - HTFS200-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com