Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFS200-SP2 Datasheet(PDF) 3 Page - LEM

Part # HTFS200-SP2
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTFS200-SP2 Datasheet(HTML) 3 Page - LEM

  HTFS200-SP2 Datasheet HTML 1Page - LEM HTFS200-SP2 Datasheet HTML 2Page - LEM HTFS200-SP2 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
HTFS 200..800-P/SP2
Dimensions (in mm)
Mechanical characteristics
• General tolerance
± 0.2 mm
• Fixation
4 pins x
Ø 1.0
• Recommended PCB hole
Ø 1.2 mm
• Fastening & connection of secondary 4 pins 0.5 x 0.25
Recommended PCB hole
Ø 0.7 mm
Remarks
• V
OUT is positive when IP flows in the direction of the arrow.
• Temperature of the primary conductor should not exceed
120°C.
Ip
0V
Vref.(IN/OUT)
Vout
+Vc
Required Connection Circuit
Operation Principle
1
4
Terminal Pin
+5V
0V
Output
47nF
47nF
Output
0V
+5V
1...+5V
2...0V
3...Output
7
4.5
Ip
4...Vref(IN/OUT)
4-0.25x0.5
1
2
3
4
16.5
Ref-IN
HTFS
5
0.5
3.5+/-1
d22
40
Vref(IN/OUT)
4.7nF
3
R3
33
4-d=1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com