Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB200-SP5 Datasheet(PDF) 1 Page - LEM

Part # HTB200-SP5
Description  Current Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB200-SP5 Datasheet(HTML) 1 Page - LEM

  HTB200-SP5 Datasheet HTML 1Page - LEM HTB200-SP5 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
current rms
measuring range
I
PN (A)
I
PM (A)
50
± 150
HTB 50-P/SP5, HTB 50-TP/SP51)
100
± 300
HTB 100-P/SP5, HTB 100-TP/SP51)
200
± 500
HTB 200-P/SP5
300
± 600
HTB 300-P/SP5
400
± 600
HTB 400-P/SP5
V
C
Supply voltage (± 5 %) 2)
+ 12 .. 15
V
I
C
Current consumption
< 15
mA
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
R
IS
Isolation resistance @ 500 VDC
> 500
M
Ω
V
OUT
Output voltage (Analog) @ ± I
PN, RL = 10 kΩ, TA = 25°C
V
OE ± 1.667
V
R
OUT
Output internal resistance
100
Ω
R
L
Load resistance
≥ 10
k
Ω
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
% of I
PN
ε
L
Linearity error (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage @ T
A = 25°C
Vc/2 ± 30
mV
V
OH
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 x I
PN
< ± 0.5 % of I
PN
TCV
OE
Temperature coefficient of V
OE
HTB 50-(T)P/SP5
< ± 1.0
mV/K
HTB 100-(T)P..400-P/SP5
< ± 0.5
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.05
%/K
t
r
Response time to 90% of I
PN step
< 3
µs
BW
Frequency bandwidth (0 .. -3 dB)3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass (-TP version)
< 30 (< 36)
g
I
PN = 50 .. 400 A
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolationvoltage2500V
• Low power consumption
• Primary bus bar option for 50A and
100A version for ease of connection
Special feature
• Single power supply from 12V to 15V
Advantages
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
Current Transducers HTB 50..400-P/SP5
and HTB 50..100-TP/SP5
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Notes :
1) -TP version is equipped with a primary bus bar.
2) Operating at +12V
≤ Vc < +15V will reduce measuring range.
3) Derating is needed to avoid excessive core heating at high frequency.
070111/1
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HTB200-SP5

ManufacturerPart #DatasheetDescription
logo
LEM
HTB200-P LEM-HTB200-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
687Kb / 2P
Current Transducers
HTB200-P LEM-HTB200-P Datasheet
551Kb / 3P
Current Transducer
HTB200-p LEM-HTB200-p Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results

Similar Description - HTB200-SP5

ManufacturerPart #DatasheetDescription
logo
LEM
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
Current Transducers
CT0.1-P LEM-CT0.1-P_08 Datasheet
941Kb / 3P
Current Transducers
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
Current Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com