Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR745D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYR745D
Description  Rectifier diodes Schottky barrier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR745D Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYR745D Datasheet HTML 1Page - NXP Semiconductors PBYR745D Datasheet HTML 2Page - NXP Semiconductors PBYR745D Datasheet HTML 3Page - NXP Semiconductors PBYR745D Datasheet HTML 4Page - NXP Semiconductors PBYR745D Datasheet HTML 5Page - NXP Semiconductors PBYR745D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR745B, PBYR745D series
Schottky barrier
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
• Fast switching
V
R = 40 V/ 45 V
• Reverse surge capability
• High thermal cycling performance
I
F(AV) = 7.5 A
• Low thermal resistance
V
F ≤ 0.57 V
GENERAL DESCRIPTION
Schottky rectifier diodes in a surface mounting plastic envelope. Intended for use as output rectifiers in low voltage,
high frequency switched mode power supplies.
The PBYR745B series is supplied in the SOT404 surface mounting package.
The PBYR745D series is supplied in the SOT428 surface mounting package.
PINNING
SOT404
SOT428
PIN
DESCRIPTION
1
no connection
2
cathode
1
3
anode
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PBYR7
40B
45B
PBYR7
40D
45D
V
RRM
Peak repetitive reverse
-
40
45
V
voltage
V
RWM
Working peak reverse
-
40
45
V
voltage
V
R
Continuous reverse voltage
T
mb ≤ 114 ˚C
-
40
45
V
I
F(AV)
Average rectified forward
square wave;
δ = 0.5; T
mb ≤ 136 ˚C
-
7.5
A
current
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
mb ≤ 136 ˚C
-
15
A
current
I
FSM
Non-repetitive peak forward
t = 10 ms
PBYR7..B
-
135
A
current
t = 8.3 ms
-
150
A
t = 10 ms
PBYR7..D
-
100
A
t = 8.3 ms
-
110
A
sinusoidal; T
j = 125 ˚C prior to
surge; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
pulse width and repetition rate
-
1
A
surge current
limited by T
j max
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 65
175
˚C
1. It is not possible to make connection to pin 2 of the SOT404 or SOT428 package.
k
a
tab
3
1
2
3
tab
13
tab
2
July 1998
1
Rev 1.200


Similar Part No. - PBYR745D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYR745 PHILIPS-PBYR745 Datasheet
35Kb / 5P
Rectifier diodes Schottky barrier
November 1998 Rev 1.300.
PBYR745F PHILIPS-PBYR745F Datasheet
41Kb / 6P
Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR745X PHILIPS-PBYR745X Datasheet
41Kb / 6P
Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR745X PHILIPS-PBYR745X Datasheet
33Kb / 5P
Rectifier diodes schottky barrier
August 1996 Rev 1.000
More results

Similar Description - PBYR745D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com