Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA55-P Datasheet(PDF) 1 Page - LEM

Part # LA55-P
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA55-P Datasheet(HTML) 1 Page - LEM

  LA55-P_07 Datasheet HTML 1Page - LEM LA55-P_07 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1/2
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
070103/11
Current Transducer LA 55-P
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal current rms
50
A
I
PM
Primary current, measuring range
0 .. ± 70
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M miniRM maxi RM mini RM maxi
with ± 12 V
@ ± 50 A
maxi
10
100
60
95
Ω
@ ± 70 A
maxi
10
50
601) 601)
Ω
with ± 15 V
@ ± 50 A
maxi
50
160
135 155
Ω
@ ± 70 A
maxi
50
90
1352) 1352)
Ω
I
SN
Secondary nominal current rms
50
mA
K
N
Conversion ratio
1 : 1000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ±15 V) + I
S mA
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
Accuracy - Dynamic performance data
X
Accuracy @ I
PN , TA = 25°C
@ ± 15 V (± 5 %)
± 0.65
%
@ ± 12 .. 15 V (± 5 %)
± 0.90
%
ε
L
Linearity error
< 0.15
%
Typ
Maxi
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OM
Magnetic offset current 3) @ I
P = 0 and specified RM
after an overload of 3 x I
PN
± 0.3
mA
I
OT
Temperature variation of I
O
0°C .. + 70°C
± 0.1
± 0.5
mA
- 25°C .. + 85°C
± 0.1
± 0.6
mA
t
ra
Reaction time @ 10 % of I
PN
< 500
n s
t
r
Response time @ 90 % of I
PN Step
< 1
µs
di/dt
di/dt accurately followed
> 200
A/µs
BW
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @
T
A = 70°C
80
Ω
T
A = 85°C
85
Ω
m
Mass
18
g
Standards
EN 50178: 1997
Notes: 1) Measuring range limited to ± 60 A
maxi
2) Measuring range limited to ± 55 A
maxi
3) Result of the coercive field of the magnetic circuit.
Features
• Closed loop (compensated) current
transducer using the Hall effect
• Printed circuit board mounting
• Isolated plastic case recognized
according to UL 94-V0.
Advantages
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capability.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
Application Domain
• Industrial.
I
PN
=
50 A
16019


Similar Part No. - LA55-P_07

ManufacturerPart #DatasheetDescription
logo
LEM
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
Current Transducer
More results

Similar Description - LA55-P_07

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com