Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA55-TP Datasheet(PDF) 2 Page - LEM

Part # LA55-TP
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA55-TP Datasheet(HTML) 2 Page - LEM

  LA55-TP Datasheet HTML 1Page - LEM LA55-TP Datasheet HTML 2Page - LEM LA55-TP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LEM
www .lem.com
Page 2/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
060126/7
Current Transducer LA 55-TP
Isolation characteristics
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
2.5
kV
V
b
R.m.s. rated voltage
600
V
Min
dCp
Creepage distance
6.9
mm
dCl
Clearance distance
6.1
mm
CTI
Comparative Tracking Index (Group IIIa)
175
Application examples
According to EN 50178 and IEC 61010-1 standards and following conditions :
• Over voltage category OV 3
• Pollution degree PD2
• Non-uniform field
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the following
manufacturer's operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
EN 50178
IEC 61010-1
dCp, dCI
Rated isolation voltage
Nominal voltage
Single isolation
600 V
600 V
Reinforced isolation
300 V
300 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com