Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT
Description  Hygrometer PCE-HT 420IoT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT Datasheet HTML 1Page - PCE Instruments. PCE-HT Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
humidity
0 ... 95% rh (non-condensing)
Accuracy
± 3% between 10 ... 90%
± 5% elsewhere
Hysteresis
± 1% RH
Measuring range
temperature    
-20 ... 60°C / -4 ... 140°F
Accuracy
± 0.6°C / 1.08°F in the range of 10 ... 40°C / 10 ... 104°F; ±
1.0°C / 1.8°F elsewhere
Calculated sizes
Absolute humidity g/m³
Dew point temperature °C / °F 
Storage
Internal ring buffer: 4 MB*
Internal hard disk 8 GB
*The measurement data from the internal memory is
automatically transferred to the permanent memory
Interface
Ethernet 10/100 Base / T
Number of
connections
Max. 10 at the same time
Protocol
DHCP
FTP
SMTP
Modbus TCP/IP
MQTT
Power supply
DC power supply 6V / 1 A PoE IEEE 802.3af
Input
<2VA
Warm-up time
15 minutes
Operating
conditions
-20 ... 60°C / 95% rh
Degree of
protection
IP20
Assembly
Rear mounting hole for wall mounting
Sensor downwards
Weight
300 g / < 1 lb
Dimensions
120 x 80 x 25 mm / 4.7 x 3.1 x 1 in
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com