Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR735X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYR735X
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR735X Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYR735X Datasheet HTML 1Page - NXP Semiconductors PBYR735X Datasheet HTML 2Page - NXP Semiconductors PBYR735X Datasheet HTML 3Page - NXP Semiconductors PBYR735X Datasheet HTML 4Page - NXP Semiconductors PBYR735X Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR745X series
schottky barrier
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Low
leakage,
platinum
barrier,
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
schottky rectifier diodes in a full pack
plastic
envelope
featuring
low
PBYR7-
35X
40X
45X
forward voltage drop, absence of
V
RRM
Repetitive peak reverse
35
40
45
V
stored
charge.
and
guaranteed
voltage
reverse surge capability. The devices
V
F
Forward voltage
0.57
0.57
0.57
V
are intended for use in switched mode
I
F(AV)
Average forward current
7.5
7.5
7.5
A
power supplies and high frequency
circuits
in
general
where
low
conduction and zero switching losses
are important.
PINNING - SOD113
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-35
-40
-45
V
RRM
Repetitive peak reverse voltage
-
35
40
45
V
V
RWM
Crest working reverse voltage
-
35
40
45
V
V
R
Continuous reverse voltage
T
hs ≤ 128 ˚C
-
35
40
45
V
I
F(AV)
Average forward current
square wave;
δ = 0.5;
-
7.5
A
T
hs ≤ 123 ˚C
I
F(RMS)
RMS output current
-
10.6
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
15
A
T
hs ≤ 123 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current
t = 8.3 ms
-
110
A
sinusoidal T
j = 125 ˚C prior
to surge; with reapplied
V
RRM(max)
I
2tI2t for fusing
t = 10 ms
-
50
A
2s
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
1
A
I
RSM
Non-repetitive peak reverse
t
p = 100 µs-
1
A
current
T
stg
Storage temperature
-65
175
˚C
T
j
Operating junction temperature
-
150
˚C
12
case
k
a
12
August 1996
1
Rev 1.000


Similar Part No. - PBYR735X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYR7020WT PHILIPS-PBYR7020WT Datasheet
52Kb / 5P
Rectifier diodes Schottky barrier
December 1998 Rev 1.000
PBYR7025WT PHILIPS-PBYR7025WT Datasheet
52Kb / 5P
Rectifier diodes Schottky barrier
December 1998 Rev 1.000
PBYR720D PHILIPS-PBYR720D Datasheet
47Kb / 5P
Rectifier diodes Schottky barrier
February 1998 Rev 1.000
PBYR725D PHILIPS-PBYR725D Datasheet
47Kb / 5P
Rectifier diodes Schottky barrier
February 1998 Rev 1.000
PBYR740 PHILIPS-PBYR740 Datasheet
35Kb / 5P
Rectifier diodes Schottky barrier
November 1998 Rev 1.300.
More results

Similar Description - PBYR735X

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com