Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT72 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT72
Description  Hygrometer PCE-HT 72
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT72 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT72 Datasheet HTML 1Page - PCE Instruments. PCE-HT72 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring function
Temperature
Measuring range
-30 ... 60°C / -22 ... 140°F
Resolution
0.1°C / 0.18°F
Accuracy
< 0°C / 32°F: ± 1°C / 1.8°F
 
< 60°C / 140°F: ± 0.5°C / 0.9°F
 
 
Measuring function
Humidity
Measuring range
0 ... 100% rh
Resolution
0.1% RH
Accuracy
0 ... 20% RH: 5%
 
20 ... 40% RH: 3.5%
 
40 ... 60% RH: 3%
 
60 ... 80% rh: 3.5%
 
80 ... 100% RH: 5%
 
 
Storage
20,010 readings
Measuring rate / storage interval     
   
Adjustable 2 s, 5 s, 10 s ... 24h
Start-Stop
Adjustable, immediately or by pressing a
button
Status display
By a symbol in the display
Display
LC display
Power supply
CR2032 battery
Interface
USB
Dimensions
75 x 35 x 15 mm / 3 x 1.4 x 0.6 in
Weight
About 35 g / < 1 lb
 
 
More information
Manual
Datasheet
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com