Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAH25-NP Datasheet(PDF) 1 Page - LEM

Part # LAH25-NP
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH25-NP Datasheet(HTML) 1 Page - LEM

  LAH25-NP Datasheet HTML 1Page - LEM LAH25-NP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
page 1/2
060213/5
Current Transducer LAH 25-NP
For the electronic measurement of currents : DC, AC, pulsed ...,
with a galvanic isolation between the primary circuit
(high power) and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
25
At
I
P
Primary current, measuring range 1)
0 .. 55
At
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RMmax
R
M min RMmax
with ± 12 V
@ I
PN [± At DC ]
0
257
0
252
@ I
PN [At RMS ]
2)
0
155
0
150
with ± 15 V
@ I
PN [± At DC ]
67
371
70
366
@ I
PN [At RMS ]
2)
67
236
70
231
@ I
P
< I
PN
3)
I
SN
Secondary nominal r.m.s. current
25
mA
K
N
Conversion ratio
1 - 2 - 3 : 1000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ± 15V) + I
S mA
V
d
R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn
5
kV
V
b
R.m.s. rated voltage 4)
600
V
Accuracy - Dynamic performance data
X
Accuracy 5) @ I
PN, TA = 25°C
± 0.3
%
ε
L
Linearity error
< 0.2
%
Typ
Max
I
O
Offset current @ T
A = 25°C
± 0.15
mA
I
OM
Residual current @ I
P = 0, after an overload of 5 x IPN
± 0.20 ± 0.25
mA
I
OT
Thermal drift of I
O
0°C .. + 70°C
± 0.10 ± 0.60
mA
- 25°C .. + 85°C
± 0.10 ± 0.70
mA
t
r a
Reaction time @ 10 % of I
PN
< 200
ns
t
r
Response time 6) @ 90 % of I
PN
< 500
ns
di/dt
di/dt accurately followed
> 200
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance
@ T
A = 70°C
99
@ T
A = 85°C
104
m
Mass
20
g
Standards
EN 50178 : 1997
Notes : 1)During 10 s, with
R
M ≤ 109 Ω (VC = ± 15 V) - 2) 50 Hz Sinusoidal -
3) The measuring resistance R
M min may be lower (see "LAH Technical Informa-
tion" leaflet) - 4) Pollution class 2, cat. III - 5) Without I
O & IOM - 6) With a di/dt of
100 A/µs - 7)
Features
Closed loop (compensated) multi-
range current transducer using the
Hall effect
Printed circuit board mounting
Insulated plastic case recognized
according to UL 94-V0.
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
I
PN = 8-12-25 A
16038


Similar Part No. - LAH25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAH25-NP LEM-LAH25-NP Datasheet
222Kb / 2P
Current Transducer LAH 25-NP
More results

Similar Description - LAH25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com