Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR740X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR740X
Description  Rectifier diodes Schottky barrier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR740X Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR740X Datasheet HTML 1Page - NXP Semiconductors PBYR740X Datasheet HTML 2Page - NXP Semiconductors PBYR740X Datasheet HTML 3Page - NXP Semiconductors PBYR740X Datasheet HTML 4Page - NXP Semiconductors PBYR740X Datasheet HTML 5Page - NXP Semiconductors PBYR740X Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR745F, PBYR745X series
Schottky barrier
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
isol
Peak isolation voltage from
SOD100 package; R.H.
≤ 65%; clean and
-
-
1500
V
both terminals to external
dustfree
heatsink
V
isol
R.M.S. isolation voltage from SOD113 package; f = 50-60 Hz;
-
-
2500
V
both terminals to external
sinusoidal waveform; R.H.
≤ 65%; clean
heatsink
and dustfree
C
isol
Capacitance from pin 1 to
f = 1 MHz
-
10
-
pF
external heatsink
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-hs
Thermal resistance junction
with heatsink compound
-
-
5.5
K/W
to heatsink
R
th j-a
Thermal resistance junction
in free air
-
55
-
K/W
to ambient
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage
I
F = 7.5 A; Tj = 125˚C
-
0.45
0.57
V
I
F = 15 A; Tj = 125˚C
-
0.65
0.72
V
I
F = 15 A
-
0.64
0.84
V
I
R
Reverse current
V
R = VRWM
-
0.13
1
mA
V
R = VRWM; Tj = 100˚C
-
17
22
mA
C
d
Junction capacitance
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
270
-
pF
July 1998
2
Rev 1.200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com