Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAS50-TP Datasheet(PDF) 1 Page - LEM

Part # LAS50-TP
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAS50-TP Datasheet(HTML) 1 Page - LEM

  LAS50-TP Datasheet HTML 1Page - LEM LAS50-TP Datasheet HTML 2Page - LEM LAS50-TP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
060504/14
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 1/3
Current Transducer LAS 50-TP
For the electronic measurement of currents : DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
50
A
I
P
Primary current, measuring range
0 .. ± 150
A
V
OUT
Analog output voltage @
I
P
V
REF
±
(0.625
·I
P/IPN) V
I
P = 0
V
REF ± 0.025
V
R
L
Output load resistance
≥ 2
k
Ω
R
OUT
Output internal resistance
< 20
Ω
V
REF
Internal reference voltage
2.5 ± 0.025
V
V
REF load resistance
≥ 1
M
Ω
V
REF internal resistance
200
Ω
V
REF external voltage range
2.0 .. 2.8
V
C
L
Max. output capacitive load
1
nF
V
C
Supply voltage (± 5 %)
5
V
I
C
Current consumption @ V
C = 5 V
typ
18
mA
Accuracy - Dynamic performance data
X
Accuracy 1) @ I
PN , TA = 25°C
< ± 1
%
ε
L
Linearity error 0 .. I
PN
2)
< 0.7
%
Typ
Max
TCV
OUT Thermal drift of VOUT @ IP = 0
- 40°C.. + 85°C
80
120
ppm/K
TCV
OUT / VREF Thermal drift of VOUT / VREF @ IP = 0
- 40°C.. + 85°C
50
80
ppm/K
TC
ε
G
Thermal drift of the gain
- 10°C.. + 85°C
150 300
ppm/K
- 40°C.. - 10°C
400 700
ppm/K
V
OM
Residual voltage @ I
P = 0, after an overload of 2 x IPN DC ± 5
mV
t
ra
Reaction time @ 10 % of I
PN
< 200
ns
t
r
Response time @ 90 % of I
PN
< 500
ns
di/dt
di/dt accurately followed
> 100
A/µs
Output noise without external filter
< 10
mVpp
f
Frequency bandwidth (- 1 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 100
°C
m
Mass
20
g
Standards
EN 50178 : 1997
All Data are given with a R
L = 10 k Ω
Notes : 1) Excluding electrical, magnetic offsets and linearity
2) Including magnetic offset.
I
PN
= 50 A
Features
• Current transducer using
Eta-technology
• Unipolar voltage supply
• Insulated plastic case recognized
according to UL 94-V0
• Compact design for PCB mounting
• Extended measuring range.
Advantages
• Excellent accuracy
• Very good linearity
• Very low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capability.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies (UPS)
• Switched Mode Power Supplies (SMPS)
• Power supplies for welding
applications.
Application domain
• Industrial.
Copyright protected.
16069


Similar Part No. - LAS50-TP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LAS TTELEC-LAS Datasheet
348Kb / 3P
0.1 ohm to 18K ohms
logo
Nichicon corporation
LAS NICHICON-LAS Datasheet
1Mb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
TT Electronics.
LAS-1 TTELEC-LAS-1 Datasheet
348Kb / 3P
0.1 ohm to 18K ohms
logo
IRC - a TT electronics ...
LAS-12001DLF IRCTT-LAS-12001DLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
More results

Similar Description - LAS50-TP

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com