Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAS100-TP Datasheet(PDF) 3 Page - LEM

Part # LAS100-TP
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAS100-TP Datasheet(HTML) 3 Page - LEM

  LAS100-TP Datasheet HTML 1Page - LEM LAS100-TP Datasheet HTML 2Page - LEM LAS100-TP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
060303/6
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
page 3/3
Dimensions LAS 100-TP (in mm. 1 mm = 0.0394 inch)
Output Voltage - Primary Current
Mechanical characteristics
• General tolerance
± 0.2 mm
• Fastening & connection of primary
6 pins 1.4 x 1 mm
Recommended PCB hole
2 mm
• Fastening & connection of secondary 4 pins 0.7 x 0.6 mm
Recommended PCB hole
1.2 mm
Remarks
• V
OUT is positive when IP flows from terminals "IN" to
terminals "OUT".
• Temperature of the primary conductor should not exceed
100°C.
• This is a standard model. For different versions
please contact us.
Nu mbe r of
p rima ry turns
P rima ry current
Nom ina l output
voltage
P rima ry
resis tance
P rima ry
inser tion
induc tance
Nom inal
Ma ximal
I
PN
[A]
I
P
[A]
V
OUT
[V]
R
P
L
P
[µH]
1
100
200
(300)
V
REF ± 0 .625
0 .12
0 .008
[m
Ω]
-300 -200 - I
PN
0
I
PN
200 300
5
4.375
3.750
3.125
2.5
1.875
0.625
I
P [ A ]
V
OUT [ V ]
1.250
Front view
Bottom view
Left view
Connection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com