Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ-3598 Datasheet(PDF) 2 Page - CUI Devices

Part # SJ-3598
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SJ-3598 Datasheet(HTML) 2 Page - CUI Devices

  SJ-3598 Datasheet HTML 1Page - CUI Devices SJ-3598 Datasheet HTML 2Page - CUI Devices SJ-3598 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: SJ-3598 | DESCRIPTION: AUDIO JACK
date 07/07/2023 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
Model No.
SJ-3598
Schematic
2
1
3
4
5
PIN
1
sleeve
2
tip
3
ring
4
isolated tip
5
isolated tip switch
(N-O)
1
2
3
14
Ø3.5 MATING PLUG
units: mm
tolerance:
X.X ±0.20 mm
X.XX ±0.10 mm
X.XXX ±0.05 mm
unless otherwise specified
DESCRIPTION
MATERIAL
PLATING/COLOR
terminal 1
brass t=0.30
tin
terminal 2
phosphor bronze
t=0.30
tin
terminal 3
phosphor bronze
t=0.30
tin
terminal 4
phosphor bronze
t=0.20
tin
terminal 5
brass t=0.30
tin
bushing
brass
nickel
spring
stainless steel t=0.15
shield
stainless steel
housing
PA66 (UL94V-0)
black
Ø3.5 MATING PLUG
1.35
5.9
11.6
2.1
(3 PLCS)
1.0
(2 PLCS)
1.0
7.6
4
5
(5 PLCS)
1
2
3
1.00X2.00
Recommended PCB Layout
Top View
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com