Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM20 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VM20
Description  Accelerometer PCE-VM 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM20 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VM20 Datasheet HTML 1Page - PCE Instruments. PCE-VM20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Vibration acceleration
0 ... 200 m/s², RMS and Peak-Peak
Vibration velocity
0 ... 200 mm/s, RMS
Vibration displacement
0 ... 2000 μm, Peak-Peak
Accuracy vibration
± 5%
Operating modes
Vibration, temperature, speed
Representable measured variables Frequency
 
Vibration acceleration
 
Vibration velocity
 
Vibration
 
FFT spectrum
Units
Metric, Imperial,
 
Hz, mm/s², mm/s, μm, RPM, Hz
Interface
USB 2.0
Storage
4GB micro SD card
Battery life
Up to 8 h continuous operation
Battery type
Lithium polymer
Display
128 x 160 pixel color LCD
Environmental conditions
-10 ... 55°C / 14 ... 131°F
 
≤ 80% RH not condensing
Dimensions
132 x 70 x 33 mm / 5.2 x 2.8 x 1.3 in (L x W x D)
Weight
About 150 g / < 1 lb 
 
 
Handset: must not be exposed to strong vibrations, magnetic fields, corrosive
media or dust
 
 
Technical data for the vibration sensor
Sensitivity
100 mV / g
Frequency response (± 3 dB)
0.5 ... 15,000 Hz
Frequency response (± 10%)
2.0 ... 10,000 Hz
Dynamic range
± 50 g, peak
Power supply (IEPE)
18 ... 30V DC
Constant current source
2 ... 10-mA
Spectral noise at 10 Hz
14 μg / √Hz
Spectral noise at 100 Hz
2.3 μg / √Hz
Spectral noise at 1000 Hz
2 μg / √Hz
Output impedance
< 100 Ω
Bias voltage
10 ... 14V DC
Housing insulation
> 100 MΩ
Environmental conditions
-50 ... 121 °C / -58 ... 249.8 °F
Maximum impact protection
5000 g, peak
Resonant frequency
23,000 Hz
Housing material
316L stainless steel
Connection
2 Pin MIL-C-5015
Protection
IP68
Weight
90 g / < 1 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com