Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM31 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VM31
Description  Human Vibration Meter without Sensors PCE-VM 31
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM31 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VM31 Datasheet HTML 1Page - PCE Instruments. PCE-VM31 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical specifications
Measuring range
Sensor with 1 mV/(m/s²) Sensor with 10 mV/(m/s²)
Acceleration
1100 m/s² / 3609 ft/s²
110 m/s² / 361 ft/s²
Velocity
100 mm/s ... 10,000 mm/s
4.0 in/s ... 394.0 in/s(1
kHz/1 Hz)
10 mm/s ... 1,000 mm/s
0.4 in/s ... 39.4 in/s(1
kHz/1 Hz)
Displacement (Peak)
250 µm ... 15,000 µm
0.01 in ... 0.6 in(5 Hz/250
Hz)
25 µm ... 1,500 µm
0.001 in ... 0.06 in(5
Hz/250 Hz)
Display resolution (1 / 10 mV/(m/s²))
Acceleration
0.01 m/s² / 0.4 in/s²
Velocity
0.1 mm/s / 0.004 in/s
Displacement
1 µm / 4 x 10 in
Linearity range
> 75 dB for ±6 % error
Noise
< 0.003 m/s² / 0.12 in/s²
Inputs
4 Low-Power-IEPE inputs; 0.7 mA / 17 V;
TEDSsupport, IEEE1451.4, Template 25
Sensor sensibility
0.8 - 120 mV/(m/s²)
Display units human
vibration
(acceleration)
Interval RMS
vector sum
max. running RMS (MTVV)
vibration dose value (VDV)
Display units acceleration,
velocity, displacement
running RMS
maximum RMS
vector sum
peakvalue
maximum peak value
Filters
Weighting filters: Wb, Wc, Wd, Wh, Wj, Wk, Wm
Unweighted: 6.3 - 1259 Hz (H/A) / 0.4 - 100 Hz (G/K)
Acceleration: 0.1 - 2000 Hz / 1 - 1000 Hz
Velocity: 1 - 100 Hz / 2 - 1000 Hz / 10 - 1000 Hz
Displacement: 5 - 250 Hz
Frequency analysis (FFT)
125 lines for X/Y/Z, peak spectrum of acceleration, 3
-240 / 6 - 480 / 12 - 960 / 24 - 1920 Hz
Data memory
Flash, 10,000 measurements, 1,000 FFts, each with
date,time and comment
Display
OLED, 128 x 160 pixels, coloured
Interface
USB 2.0, full speed, CDC-mode (virtual COM port),via
cable VM2x-USB
Batteries
3 x 1.5 V AAA batteries or accumulators (LR03 or
HR03)
Environmental conditions
-20° C ... +60° C / -4° F ... +140° F
< 95 % RH
Approx. dimensions
125 mm x 65 mm x 27 mm
4.9 in x 2.6 in x 1.1 in (without connectors)
Approx. weight
140 g / 0.31 lbs
-5
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com