Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM3D Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VM3D
Description  Technical Vibration Meter PCE-VM 3D
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM3D Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VM3D Datasheet HTML 1Page - PCE Instruments. PCE-VM3D Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vibration amplitude
0.001 mm ... 4.000 mm (Peak-Peak)
4.0 x 10-5 in ... 0.16 in (Peak-Peak)
Range of Frequencies
Vibration velocity
10 Hz ... 10 kHz
Vibration acceleration
10 Hz ... 10 kHz
Vibration amplitude
10 Hz ... 10 kHz
Resolution
0.25 Hz
Accuracy
±5 %
Interface
RS-232C
Batteries
AA 1.5 V
Surrounding temperature
0 ... +50° C / 32° F ... 122° F
< 95 % rel. error
Dimensions
130 mm x 70 mm x 30 mm
5.1 in x 2.8 in x 1.2 in
Weight
0.3 kg / 0.67 lbs
Delivery contents1 x PCE-VM 3D Vibration Meter
1 x magnetic sensor
1 x external sensor with 1.5 m cable
2 x measuring tips
1 x instruction manual
1 x hard case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com