Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM5000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VM5000
Description  Technical Vibration Meter PCE-VM 5000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM5000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VM5000 Datasheet HTML 1Page - PCE Instruments. PCE-VM5000 Datasheet HTML 2Page - PCE Instruments. PCE-VM5000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Units
acceleration: m/s², g, ft/s²
speed: mm/s, sm/s, inches/s
expansion: mm, inches
Frequency ranges
10 Hz ... 1 KHz
Peak Value Hold
acceleration, speed: measures/ updates the peak-
value
expansion: measures / updates pp value
Max. Hold
acceleration, speed: measures/ updates the max
value
expansion: measures / updates max. pp value
Max. Hold-Reset
keypress activation
Zero-function
keypress activation for acceleration (rms)
measurement
Datalogger scan rate
automatic: 1 ... 3600 seconds
manual: by pressing key
Memory Card
SD memory card (1 ... 16 GB)
Data Hold function
holds indicated value
Audio output
mini-stereo plug,
max. voltage: 2 V
output resistance: 100 Ohm
Operation temperature
0 ... +50 °C
Operation humidity
85 % R.H. max.
Power Supply
8 x 1.5 V AA batteries or 9 V AC adapter
Power Consumption
NiMH rechargeable battery 3 x 2700 mAh
Operation- / Charging time
standard operation: approx. 12 mA dc
without background lights and switched off
Vibration Meter: approx. 35 mA dc
Weight
meter: 515 g / 1.1 lbs
sensor with cable and magnet foot: 99 g / 0.2 lbs
Dimensions
main device: 203 mm x 76 mm x 38 mm
8.0 in x 3.0 in x 1.5 in
sensor: 16 mm x 37 mm caliber
0.6 in x 1.5 in
cable length: 1.2 m / 3.9 ft
Electrical Specifications
Function
Unit
Range
Accuracy
Acceleration
m/s²
0.5 ... 199.9 m/s²
± (5 % rdg + 5 d)
g
0.05 ... 20.39 G
@ 80 und 160 Hz
ft/s²
2 ... 656 ft/s²
calibration point: 50 m/s² (160 Hz)
Speed
mm/s
0.5 ... 199.9 mm/s
± (5 % rdg + 5 d)
cm/s
0.05 ... 19.99 cm/s
@ 80 und 160 Hz
inch/s
0.02 ... 7.87 inch/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com