Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VT204 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VT204
Description  Multifunction Accelerometer PCE-VT 204
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VT204 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VT204 Datasheet HTML 1Page - PCE Instruments. PCE-VT204 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Vibration measuring range
Acceleration
0.5 ... 199.9 m/s², 0.05 ... 20.39 g, 2 ... 656 ft/s²
Velocity or speed
0.5 ... 199.9 mm/s, 0.05 ... 19.99 cm/s, 0.02 ... 7.87
in/s
Displacement (peak to peak / p-
p)   
0.005 ... 1.999 mm, 0.002 ... 0.078 in
Resolution
Acceleration
0.1 m/s²
Velocity or speed
0.1 mm/s
Displacement (p-p)
0.001 mm
Accuracy
Acceleration
±5%±2 digits
Velocity or speed
±5%±2 digits
Displacement (p-p)
±5%±2 digits
Frequency
Hertz (Hz)
10 ... 1000 Hz
Kilohertz (kHz)
0.01 ... 1 kHz
Revolutions per minute (RPM) measuring range
Optical or noncontact
10 ... 99999 RPM
Mechanical or contact
0.5 ... 19999 RPM
Velocity or speed
0.05 ... 1999 m/min, 0.2 ... 6560 ft/min
Resolution
0.1 RPM
<1000 RPM
1 RPM
≥1000 RPM
0.01 m/min
<100 m/min
0.1 m/min
≥100 m/min
0.1 ft/min
<1000 ft/min
1 ft/min
≥1000 ft/min
Accuracy
±0.05% ±1 digit
Optical measuring distance
50 ... 1500 mm / 2 .... 59 in (depending on
surface)
General properties
Internal memory
Stores up to 1000 readings
Data output
RS-232 port
LCD
45 x 48 mm / 1.77 x 1.88 in
Power supply
4 x 1.5V AA batteries
Dimensions
188 x 76 x 47 mm / 7.4 x 3.0 x 1.9 in
Operating conditions
0 ... 50ºC / 32 ... 122°F / <80% RH
Weight
400 g / < 1 lb
Enclosure
Plastic
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com