Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES05ZP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES05ZP
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05ZP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES05ZP Datasheet HTML 1Page - Balluff Korea Ltd. BES05ZP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES M18MI-UST50B-BV02
Order Code: BES05ZP
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 283880
ETIM 6.0: EC002714
BES05ZP_0.24_2023-07-14
1 / 2
Basic features
Approval/Conformity
CE
cULus
UKCA
WEEE
CCC
Basic standard
IEC 60947-5-2
Scope of delivery
2x nut M18x1
Toothed washer D19 (2x)
Display/Operation
Diagnostic function
no
Function indicator
yes
Power indicator
no
Electrical connection
Cable diameter D
5 mm
Cable length L
2 m
Connection type
2 m
Electrical version
2-wire
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Current consumption min.,
undamped
1 mA
Min. operating current Im
2 mA
Operating voltage Ub
10...300 VDC/20...265 VAC
Rated operating current Ie
130 mA
Rated operating voltage Ue AC
110 V
Ready delay tv max.
70 ms
Utilization category
DC -13
AC-140
Voltage drop static max.
6 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 1x5 min
IP rating
IP67
Functional safety
MTTF (40 °C)
476 a
Interface
Switching output
Non-polarized normally open
(NO)
Material
Housing material
Brass, Chrome-plated
Material sensing surface
PBTP
n


Similar Part No. - BES05ZP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05Z0 BALLUFF-BES05Z0 Datasheet
110Kb / 2P
Inductive Sensors
0.23_2022-05-17
BES05Z1 BALLUFF-BES05Z1 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z2 BALLUFF-BES05Z2 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z3 BALLUFF-BES05Z3 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z4 BALLUFF-BES05Z4 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
More results

Similar Description - BES05ZP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com