Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA3353C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA3353C
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3353C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA3353C Datasheet HTML 17Page - NXP Semiconductors PCA3353C Datasheet HTML 18Page - NXP Semiconductors PCA3353C Datasheet HTML 19Page - NXP Semiconductors PCA3353C Datasheet HTML 20Page - NXP Semiconductors PCA3353C Datasheet HTML 21Page - NXP Semiconductors PCA3353C Datasheet HTML 22Page - NXP Semiconductors PCA3353C Datasheet HTML 23Page - NXP Semiconductors PCA3353C Datasheet HTML 24Page - NXP Semiconductors PCA3353C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1999 Oct 28
21
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
15 SUMMARY OF DERIVATIVE REGISTERS
Table 27 Register map
16 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Data Handbook IC14, Section: Handling MOS devices”).
17 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ADDR.
(HEX)
REGISTER
7
6
5
43210
R/W
00
not used
01
EEPROM Address Register
(ADDR)
0
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
02
not used
03
EEPROM Data Register
(DATR)
D7
D6
D5
D4
D3
D2
D1
D0
R/W
04
EEPROM Control Register
(EPCR)
STT2
ET21
TF2
EWP
MC3
MC2
MC1
0
R/W
05
Timer 2 Reload Register
(RELR)
R7
R6
R5
R4
R3
R2
R1
R0
R/W
06
Timer 2 Register
(T2)
T2.7
T2.6
T2.5
T2.4
T2.3
T2.2
T2.1
T2.0
R
07
Test Register
(TST)
only for test purposes; not to be accessed by the device user
08 to 10
not used
11
High Group Frequency Register
(HGF)
H7
H6
H5
H4
H3
H2
H1
H0
W
12
Low Group Frequency Register
(LGF)
L7
L6
L5
L4
L3
L2
L1
L0
W
13
Melody Control Register
(MDYCON)
0
0
0
0000
EMO
R/W
14 to FF
not used
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.8
+7.0
V
VI
all input voltages
−0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
Ptot
total power dissipation
−
125
mW
PO
power dissipation per output
−
30
mW
ISS
ground supply current
−50
+50
mA
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com