Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-WSCR Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-WSCR
Description  Wind Measurement Device PCE-WS CR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WSCR Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-WSCR Datasheet HTML 1Page - PCE Instruments. PCE-WSCR Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wind Measurement Device PCE-WS CR
Robust Wind Measurement Device for fixed installation / various output signals /  
for wind warning systems, building services and building automation
The Wind Measurement Device impresses with its compact design and various output signals. The wind speed meter can be used for
applications in warning technology, building automation and home technology. Depending on the wind speed meter, a 4 ... 20 mA, 0 ... 10 V,
Modbus or pulse output is available. The wind speed meter is designed as a star, so that operation independent of the wind direction is
guaranteed.
The wind speed meter is made of robust plastic and is therefore resistant to rust and corrosion. The wind speed meter is also protected to IP65.
The design of the wind speed meter also ensures that it is particularly protected against high-frequency and electromagnetic radiation. The
measuring range extends between 2.62 ... 164.04 ft/s, 0.8 ... 50 m / s. The wind speed meter has a 65 ft, 20 m connection cable as standard. A
stainless steel mounting kit for the wind speed meter is optionally available.
Robust PA plastic housing
IP 65 protection
mA, V, pulse or Modbus output
Long lifetime
Direct measurement of wind speed
Measurement from 2.62 ft/s, 0.8 m/s


Similar Part No. - PCE-WSCR

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-WS30 PCE-PCE-WS30 Datasheet
330Kb / 2P
Technical Specification Laboratory Balance PCE-WS 30
PCE-WSA PCE-PCE-WSA Datasheet
272Kb / 2P
Anemometer PCE-WS A
PCE-WSAC50 PCE-PCE-WSAC50 Datasheet
341Kb / 2P
Wind Measurer Alarm Controller PCE-WSAC 50
PCE-WSAC50W230 PCE-PCE-WSAC50W230 Datasheet
499Kb / 2P
Wind Speed Meter PCE-WSAC 50W 230
PCE-WSAC50W230-ICA PCE-PCE-WSAC50W230-ICA Datasheet
649Kb / 2P
Wind Speed Alarm Controller PCE-WSAC 50W 230-ICAincl ISO calibration cert.
More results

Similar Description - PCE-WSCR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
CR TIMER
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
cr networks
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
The device features advanced proximity measurement
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
CR timer
logo
List of Unclassifed Man...
USB-2001-TC ETC-USB-2001-TC Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com