Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTIVA150 Datasheet(PDF) 2 Page - Zoran Corporation

Part # ACTIVA150
Description  DVD Recorder Multimedia Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

ACTIVA150 Datasheet(HTML) 2 Page - Zoran Corporation

  ACTIVA150 Datasheet HTML 1Page - Zoran Corporation ACTIVA150 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02/06 IN
ZR36750BGCG-V
Product Brief
Driving the Digital Lifestyle
Driving the Digital Lifestyle
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Activa
® 150
DVD Recorder Multimedia Processor
© Copyright 2006 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, Activa
, HDXtreme and JPEGXtreme are trademarks of Zoran Corporation. All other brand product names and company names are
trademarks of their respective owners. The information in this document is believed to be reliable. However, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not
be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent,
trademark, copyright, or rights of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
General
• Single-chip solution for DVD-Video/DVD-Audio/MPEG-4/DivX
playback, and DVD recorder processor
• Powerful, integrated 135 MHz 32-bit RISC processor
• DVDR application and user interface is rich and intuitive
• Enables timeshifting and "Watch and Record" applications
Recording
• Supports real-time DVD-Video, DVD-VR, and DVD+VR authoring
• 100% compliant with DVD-Video, DVD-VR, and DVD+VR verifiers
• Supports DVD-R/-RW/-RAM/+R/+RW, CD-R/-RW formats
• Certified Dolby Digital Consumer Encoder
• CPRM and other encryption for strong content protection
• Dual ATAPI drive support for DVD+/-Rx, HDD
• Picture-in-Picture for external source preview
• 128Mb to 512Mb SDRAM configurations available
Video
• Supports DVD-Video, DVD-Audio, MPEG-4, DivX, XviD, CVD,
SVCD, VCD, DVCD, CDDA, Kodak PictureCD Decoding
• Decode of DivX versions 3.x, 4.x, and 5.1, XviD full-D1 (with
QPEL and GMC)
• Decode of MPEG-4 720x480 @ 30fps (with QPEL and GMC)
• NTSC/PAL/480P encoder with six 10-bit video DACs
• Glueless HDMI i/f to ZR36721 (HDXtreme
TM)
• JPEGXtreme enables image display at true HD resolution
w/ZR36721
Graphics
• Up to 256 entries of 24-bit YUV color palette and 3-bit
transparency
• Gemstar VCR+/G-Code and Interactive Program Guide
(IPG/EPG)
Audio Playback
• High-performance 135 MHz 32-bit Audio DSP
• 1x-2x variable audio playback speed while in fast forward mode
• Dolby Digital, Pro Logic, Pro Logic II, DTS, MPEG 5.1, HDCD,
WMA Audio Decoding and virtual surround sound
• 8-Channel, S/PDIF Audio Outputs, 4-Channel Audio input
Other
• 2.1W power consumption in full operation
• 316-pin BGA package
• Green and lead-free (Pb-free) packaging
• Part number: ZR36750BGCG-V
Features Summary
Activa 150 DVD Recorder Reference Design
DVD
Drive
CCIR-656
Digital Video
4-CH
Audio Input
ATAPI, AV,
UDE, S2B
Drive Interface
Digital
Video
Interface
Audio Input
Interface
Track
Buffer
Manager
MPEG-2
MPEG-4
DivX
Video
Decoder
2D
Graphics
Engine
Enhanced
Video/
Graphics
Post-
Processor
De-
interlacer
+
NTCS/
PAL/480P
Video
Encoder
Six
10-bit
DACs
CCIR-656
Digital Video
(480i or 480p)
Composite
S-Video
RGB
YPbPr
32-bit
135 MHz
Audio DSP
DSP Mem.
Subsystem
L2 Cache
32-bit RISC
135 MHz
Processor
Audio
Output
Interface
Phase
Locked
Loop
S/PDIF
8-CH
Audio Out
27 MHz
SDRAM Controller
SDRAM (128 Mb - 512 Mb)
Peripheral Interface Controller
UART
IR
ADC
GPIO
FLASH
DPRO
JTAG
HDXtreme
ZR36721
Shanghai, China
Zoran China Office
Tel: 86-21-6469-9799
Fax: 86-21-6427-0545
Shenzhen, China
Zoran China Office
Tel: 86-755-8281-5777
Fax: 86-755-8322-0889
Hong Kong
Zoran Asia Pacific Ltd.
Tel: +852-2620-5838
Fax: +852-2620-5238
Israel
Zoran Microelectronics Ltd.
Te l : +972-4-8545-777
Fax: +972-4-8551-550
Japan
Zoran Japan Office
Te l : +81-3-5475-1051
Fax: +81-3-5475-1053
Korea
Zoran Korea Office
Tel: +82-2-761-7471
Fax: +82-2-761-7472
Taiwan
Zoran Taiwan Office
Te l : +886-2-2659-9797
Fax: +886-2-2659-9595



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com