Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTIVA250 Datasheet(PDF) 2 Page - Zoran Corporation

Part # ACTIVA250
Description  DVD Recorder System-on-a-Chip RF Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

ACTIVA250 Datasheet(HTML) 2 Page - Zoran Corporation

  ACTIVA250 Datasheet HTML 1Page - Zoran Corporation ACTIVA250 Datasheet HTML 2Page - Zoran Corporation ACTIVA250 Datasheet HTML 3Page - Zoran Corporation ACTIVA250 Datasheet HTML 4Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02/06 IN
ZR35220/ZR35230+ZR35250
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Activa
® 220 / Activa® 230
+ Activa
® 250
Audio
• Dolby Digital Consumer Encoder, MPEG Audio Encoding with
Programmable Audio DSP
• Input Digital Audio: 2ch, 16-bit, 32/44.1/48kHZ
• Output via I2S interface: 5.1+2ch, 24-bit, up to 192kHz
• Output Analog Audio: stereo class D outputs
Graphics
• High quality 16bpp OSD
• 4bpp alpha transparency
Interfaces
• 2 x Transport Stream Inputs for DVB-T/DVB-S (Activa 230 only)
• Smart Card and CIM Support (Activa 230 only)
• ATA33 w/UDMA for 8x dubbing from HDD to optical drive
• Embedded USB 2.0 FS link + phy
• Embedded 1394 link
• Glue-less interface to flash cards (MS, SD, CF, SM, MMC)
• Generic host bus interface
• UART, GPIO Interfaces
• EJTAG Support
Other
• 32-bit DDR 333 SDRAM
• PBGA-456 Green (also Pb-free) Package
• 4 W Power Consumption (<1 W Standby Mode)
• Part number: ZR35220HGCG (Activa 220)
ZR35230HGCG (Activa 230)
Activa 250 RF Amplifier Features
• Performance
• DVD+R/-R - Up to 8x writing speed
• DVD+RW/-RW - Up to 4x writing speed
• CD-R/RW - Up to 24x writing speed
• Single and dual layer media support
• Broad DVD writable OPU support
• Glueless interface to Activa 220/230
• Complete analog front end for servo, RF channels and write
strategy processing
• Laser power control for read and write
• Reference voltage generation
• 9 general purpose ADC inputs, and 7 PDM DAC outputs
• LVDS and single ended EFM OPU interface
• 16 GPIO pins
• LQFP-208 Green (also Pb-free) Package
• Part number: ZR35250ELCG
MPEG Video Encoder
The MPEG Video encoder supports real-time encoding into MPEG-2
formats. With programmable spatial and temporal preprocessing
filters, the user can shape the incoming video to optimize the MPEG
encoding. The horizontal decimator allows for a wide range of
horizontal encoding resolutions: 352, 360, 480, 544, 704, and 720.
Programmable horizontal resolution, along with the bitrate, provides
great flexibility in optimizing the encoded video quality versus storage
time. The encoder supports recording of 2/4/6/8 hours on a single
layer DVD+/-R disc.
Automatic scene change detection and variable/constant bit rate
processing consistently deliver optimal video quality over a variety of
input video quality and content during encoding
The Activa 220 enables the watch and record class of applications,
allowing the user to view one program while recording another.
Zoran has enabled PVR (timeshifting and pausing live TV) on HDD
and rewritable optical media. In addition, Activa 230 also enables
watch/record of DVB-T/DVB-S programs.
Features Description (continued)
Product Brief
DVD Recorder
System-on-a-Chip + RF Amplifier



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com