Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS-220/CS Datasheet(PDF) 1 Page - Zoran Corporation

Part # CAS-220/CS
Description  DTV Demodulator IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

CAS-220/CS Datasheet(HTML) 1 Page - Zoran Corporation

  CAS-220/CS Datasheet HTML 1Page - Zoran Corporation CAS-220/CS Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cascade2™
DTV Demodulator IC
Te l
408.523.6500
Fax
408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
11/05 IN
CAS-220
DVD
Digital Camera
Digital TV
Imaging
IP Core
Driving the Digital Lifestyle
Driving the Digital Lifestyle
The Cascade2 is a multistandard demodulator and decoder for
terrestrial and cable TV reception. It is designed to support 8/16-VSB
in compliance with the ATSC Digital Television Standard as well as
OpenCable ITU-T J.83B in compliant 256/64 QAM and OOB QPSK
modes for Digital Cable Ready downstream reception.
The Cascade2 is designed to reduce system costs by integrating the
FAT channel demodulation of VSB, J.83 Annex B QAM and Audio
decoding (for analog channels) and the FDC QPSK channel
demodulation.
The small, high-performance Cascade2 is well suited for any system
designed to receive off-air and cable digital TV transmissions. This
includes stand-alone SDTV or HDTV sets, Set-Top Boxes, PC-TV
cards and data reception appliances.
The Cascade2 family ICs are produced in several combinations of
reception standards:
Cascade2 P/N
Decscription
ATSC
QAM
Annex B
OOB
FDC
US
Audio
BTSC
Korea
Audio
A2FM
FM
Radio
Smart
Antenna
CAS-220
VSB
•
•
CAS-220/C
VSB, QAM
•
•
•
CAS-220/S
VSB, BTSC
•
•
•
•
•
CAS-220/CS
VSB, QAM, BTSC
•
•
•
•
•
•
CAS-220/CO
VSB, QAM, OOB
•
•
•
•
CAS-220/CSO
VSB, QAM, BTSC,OOB
•
•
•
•
•
•
•
System Block Diagram
Cascade2
25MHz
MPEG 2TS
Host I2C
I2S
Data
Audio
IF AGC PWM
LPF
BPF
SAW filter
and IF AGC
Tuner
NTSC
demod
IF
44MHz
ADC
ADC
2nd IF Sound (4.5 MHz)
Tuner I2C
SIF (Option)
FM IF (Option)
CVBS
Cascade2 front end system solution without OOB
Mixer
OOB tuner
FDC IF Input
Local
Oscillator
25MHz
VSB
SAW
Tuner I2C
FAT IF
Input
BTSC 4.5 MHz
CVBS
Tuner
Antenna
Spliter
54-860MHz
LNA
Cable
In/Out
BPF
IF
44MHz
BPF
70-130
MHz
Cascade2
FAT - Forward App Transport
Cascade2 front end system solution with OOB
AGC
Serial MPEG2 Transport
10-bit
ADC
FAT AGC
IF Input
SIF Input
FDC AGC
Programmable Digital Filters
and other
DSP Blocks
Firmware
RAM
FEC
Parallel MPEG2 TS Out
10-bit
ADC
FDC QPSK
Demodulator
Sound
Decoder
FDC IF In
LO
FDC LO
ADC
AGC
DSP
Parallel MPEG2 TS In
Host IIC
General Purpose I/O Pins
IIS Output
FDC data Out
MPEG2 Mux and
Serializer
Mux
Switch
Tuner IIC
Main
PLL
Osc
CLK0
Internal
Clocks


Similar Part No. - CAS-220/CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-220A ETC1-CAS-220A Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
Copal Electronics
CAS-220A COPAL-CAS-220A Datasheet
961Kb / 6P
SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-220A1 ETC1-CAS-220A1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
Copal Electronics
CAS-220A1 COPAL-CAS-220A1 Datasheet
961Kb / 6P
SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-220A2 ETC1-CAS-220A2 Datasheet
221Kb / 6P
SLIDE SWITCHES
More results

Similar Description - CAS-220/CS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
RDS DATA DEMODULATOR IC
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
RDS DEMODULATOR IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
IF Modulator/Demodulator IC
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
DTV TUNER IC
logo
Infineon Technologies A...
TDA4001 INFINEON-TDA4001 Datasheet
284Kb / 8P
AM Receiver IC with Demodulator
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
RDS Demodulator IC
logo
Texas Instruments
SN761664 TI-SN761664 Datasheet
454Kb / 22P
DTV TUNER IC
logo
Princeton Technology Co...
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
RDS Demodulator IC
logo
Texas Instruments
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
DTV TUNER IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com