Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM-R1 Datasheet(PDF) 1 Page - Zoran Corporation

Part # HDM-R1
Description  HDMI Receiver IP Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

HDM-R1 Datasheet(HTML) 1 Page - Zoran Corporation

  HDM-R1 Datasheet HTML 1Page - Zoran Corporation HDM-R1 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Te l
408.523.6500
Fax 408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
Zoran's HDM-R1 is a silicon efficient, cost effective intellectual
property core for IC designs requiring the HDMI Receive function. The
HDM-R1 decodes the HDMI standard into high definition digital video
formats (YCbCr or RGB) and multi-channel audio. High Definition
Content Protection (HDCP) decryption is supported. HDM-R1 includes
digital link, analog Phy and reference software to provide a complete
solution for the HDMI Receive function. HDM-R1 is proven in silicon.
Benefits Overview
HDM-R1 is a complete solution including the digital link layer and
analog Phy. Initially targeted to a TSMC 0.18 micron process,
HDM-R1 can be ported to other popular processes.
Digital Link and Analog PHY Solution
• HDMI version 1.1 compliant
• HDCP version 1.1 compliant
• Supports EIA/CEA 861b video formats including 480i, 480p, 576i,
576p, 720p, 1080i, and up to 1360 x 768
• Up to 8 channels uncompressed LPCM audio up to 192 kHz
• Pass through for compressed audio including Dolby Digital,
MPEG-2, MP-3, etc.MPEG-2, MP-3, etc.
• HDCP authentication and link verification
• Audio clock regeneration
• Video format detection
• Color space conversion
• Audio mute
• Internal color bar & square wave generators
• Generic Host Bus Interface for core configuration and control
• Onboard debug and test support
Features
• LCD Display Processors
• Digital TVs
• Set-top boxes
• DVD recorders
• A/V Receivers
• Any IC requiring the HDMI receive function
Integrated Circuit Applications
Digital Link
• Synthesizable RTL code (Verilog)
• Bit accurate C model
• Synopsis synthesis scripts
• Test bench with suite of test cases
Analog Phy
• GDS2
• CDL Netlist for LVS/DRC
• Verilog behavioural model (without timing)
• Synopsys .lib model
• Cadence .lef file (for integration and top level Place and Route).
• Cadence .tlf file (timing information for top level place and route)
• Layout recommendations/guidelines
• Package/PCB design recommendations
Deliverables
The HDM-R1 IP Core includes reference software which facilitates
the implementation, verification and validation of the core. It can
also be used as an example for further software system
development. Provided as source code, the reference software is
highly portable and can easily be adapted to any specific system.
The reference software consists of the following functions:
• Hardware configuration and system interface
• Authentication
Reference Software
DVD
Mobile
Digital TV
Imaging
IP Cores
Driving the Digital Lifestyle
Driving the Digital Lifestyle
02/06 -IN
HDMR1
HDM-R1
HDMI Receiver IP Core


Similar Part No. - HDM-R1

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
HDM-1006 LANNER-HDM-1006 Datasheet
362Kb / 1P
1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
HDM-1006A LANNER-HDM-1006A Datasheet
362Kb / 1P
1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
logo
Zoran Corporation
HDM-T1 ZORAN-HDM-T1 Datasheet
261Kb / 2P
HDMI Transmitter IP Core
More results

Similar Description - HDM-R1

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
HDM-T1 ZORAN-HDM-T1 Datasheet
261Kb / 2P
HDMI Transmitter IP Core
SCALER-1 ZORAN-SCALER-1 Datasheet
134Kb / 1P
Video Scaler IP Core
logo
Silicon image
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
HDMI Receiver
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
HDMI Receiver
logo
THOR communications
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
Typical H-HDMI-IP Application
logo
Level One
HVE-6501 LVL1-HVE-6501 Datasheet
361Kb / 4P
HDMI over IP PoE Transmitter/Receiver
HVE-6501T LVL1-HVE-6501T Datasheet
361Kb / 4P
HDMI over IP PoE Transmitter/Receiver
HVE-6601 LVL1-HVE-6601 Datasheet
1Mb / 4P
HDMI Video Wall over IP PoE Transmitter / Receiver
logo
Logic Fruit Technologie...
ARINC-429 LFTECH-ARINC-429 Datasheet
609Kb / 4P
ARINC 429 IP CORE
ARINC-818-IP LFTECH-ARINC-818-IP Datasheet
728Kb / 7P
ARINC 818 IP CORE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com