Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS-FIVE Datasheet(PDF) 1 Page - Zoran Corporation

Part # IPS-FIVE
Description  PCL 5 Interpreter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

IPS-FIVE Datasheet(HTML) 1 Page - Zoran Corporation

  IPS-FIVE Datasheet HTML 1Page - Zoran Corporation IPS-FIVE Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Imaging
Software
Processors
Quatro SOCs
Solutions
www.zoran.com
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
05/07-MMCP
Imaging-IPS FIVE-PB-4
• Single interpreter provides high quality monochrome and color
printing solution with full compatibility to Hewlett-Packard’s PCL 5e
and PCL 5C
• Source code availability provides design flexibility and facilitates
value-added customization
• Integrated with Zoran's OneImage™ common display list
technology to support multi-bit and contone output devices
• Supports print resolutions up to 1200 dpi
• Supports color commands on monochrome devices
• Provides complete HP-GL/2 support
• Supports Monotype Imaging UFST 4.2 (TrueType, CFF, MicroType
and Asian Compression for TrueType) fonts and UTF-8 encoding
• Can be combined with the other languages in IPS—IPS XLC,
IPS PS3, IPS PDFt and IPS XPS—for complete print functionality
Benefits
Key Features
The IPS FIVE interpreter from Zoran provides a complete
PCL 5 printing solution for color and monochrome printers and
multifunction peripherals. The interpreter is integrated with
Zoran's rich featured embedded foundation technology—IPS—
enabling OEMs to develop high quality printers and MFPs that
support the PCL 5 printing standard. IPS FIVE supports the
PCL 5e language as implemented in the hp LaserJet 4250 series
of printers and PCL 5C as implemented in the hp Color LaserJet
5500 series. IPS FIVE implements all PCL 5C commands
specified in the Hewlett-Packard PCL 5C Color Technical
Reference Manual and the HP PCL 5 Specification.
Supports Widest Variety Of Applications
IPS FIVE is compatible with the widest range of applications, office
printers and MFPs. Zoran's implementations offer full compatibility to
the Hewlett-Packard standard. A single interpreter can be used to
build either monochrome or color devices—both types of devices
accept color PCL 5 commands for compatibility with newer Hewlett-
Packard printers.
IPS FIVE features sophisticated image processing, memory
management and compression techniques for high quality. IPS FIVE
also features innovative Smart Black technology that offers superior
control of image quality for single-bit CMYK output devices while
maintaining complete compatibility with the PCL 5 language.
Zoran provides complete source code for the IPS FIVE interpreter
and a full set of engineering documentation to allow OEMs to
customize the interpreters for specific market requirements.
IPS FIVE, combined with IPS XLC, provides a complete printing
solution compatible with Hewlett-Packard's PCL 6 as implemented in
the hp LaserJet 4250 series and hp Color LaserJet 5500 series.
Zoran Engineering Support Services
Zoran offers Source Code Maintenance and Engineering Support
Programs that can shorten development cycles and ensure that the
latest PCL language features are available as new controllers are
developed. The IPS FIVE source code license includes technical
support, software integration training and source code maintenance.
The Source Code Maintenance Program provides extended source
code maintenance and technical consulting, including informative
technical bulletins and software patches and updates.
Zoran's Engineering Support Program provides direct software
integration assistance and design recommendations to optimize the
interface between the PCL 5-compatible interpreter and the
controller. OEMs can also work with a Zoran-authorized development
partner. These companies have experience in Zoran's IPS FIVE
software integration and can offer fixed-cost, turnkey controller
development for a range of controller configurations and print
engines.
Description
IPS™ FIVE
PCL 5 Interpreter
Product Brief


Similar Part No. - IPS-FIVE

ManufacturerPart #DatasheetDescription
logo
Level One
IPS-0008 LVL1-IPS-0008 Datasheet
306Kb / 3P
LevelOne IPS-0008 provides users with the
logo
ORing Industrial Networ...
IPS-1042FA ORING-IPS-1042FA Datasheet
1Mb / 4P
Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FA-MM-SC ORING-IPS-1042FA-MM-SC Datasheet
1Mb / 4P
Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FA-SS-SC ORING-IPS-1042FA-SS-SC Datasheet
1Mb / 4P
Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FX-24V ORING-IPS-1042FX-24V Datasheet
1Mb / 4P
Industrial 6-port unmanaged PoE Ethernet switch
More results

Similar Description - IPS-FIVE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
OBD to RS232 Interpreter
logo
ELM Electronics
ELM622 ELM-ELM622 Datasheet
33Kb / 5P
Infrared Remote Interpreter
logo
Zoran Corporation
IPS-PS3 ZORAN-IPS-PS3 Datasheet
79Kb / 2P
PostScript 3 Interpreter
IPS-XLC ZORAN-IPS-XLC Datasheet
80Kb / 2P
PCL XL Interpreter
IPS-XPS ZORAN-IPS-XPS Datasheet
79Kb / 2P
XPS Document Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
OBD to RS232 Interpreter
ELM327 ELM-ELM327_10 Datasheet
378Kb / 76P
OBD to RS232 Interpreter
ELM329 ELM-ELM329 Datasheet
358Kb / 76P
CAN Interpreter
ELM325 ELM-ELM325 Datasheet
181Kb / 31P
J1708 Interpreter
logo
WAGO Kontakttechnik Gmb...
750-631-000-011 WAGO-750-631-000-011 Datasheet
361Kb / 9P
Incremental encoder interface; 5 ??24 VDC; Single Interpreter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com