Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS-PS3 Datasheet(PDF) 2 Page - Zoran Corporation

Part # IPS-PS3
Description  PostScript 3 Interpreter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

IPS-PS3 Datasheet(HTML) 2 Page - Zoran Corporation

  IPS-PS3 Datasheet HTML 1Page - Zoran Corporation IPS-PS3 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Specifications
Compatibility
• Monochrome PostScript 3 as implemented in HP's LaserJet
4250 series
• Color PostScript 3 as implemented in HP's Color LaserJet 5500
series
• Monochrome Adobe PostScript 3 as implemented in the Xerox
Phaser 5500
• Color Adobe PostScript 3 as implemented in the Xerox Phaser
6350
Print Resolutions
• Up to 1800 dpi
Output Color Models
• 1,2,4 and 8-bit pixel depths
• Monochrome, RGB, CMY and CMYK by plane
• Monochrome CMY and CMYK by band
• RGB by pixel (8-bit only)
Fonts
Resident Fonts
• MicroType
• 2-byte Asian fonts (Type 0 OCF and CID)
Downloaded Fonts
• Type 1, Type 42 (TrueType)
• 2-byte Asian fonts (Type 0 OCF and CID)
Minimum Memory Requirements
• Monochrome: 4 MB (600 dpi, 1-bit)
• Color: 8 MB (600 dpi, 1-bit)
Paper Size
• Executive, letter, legal, ledger, A3, A4, B4, B5, envelope, others
Duplex Printing Support
N-up Printing Support
Quality Assurance
• QualityLogic ATS, FTS and CET
05/07-MMCP
Imaging-IPS PS3-PB-4
IPS PS3
PostScript 3 Interpreter
Product Brief
Description (continued)
© Copyright 1998-2007 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, IPS and OneImage are trademarks of Zoran Corporation. All other names used are owned by their respective owners. Zoran Corporation makes no guarantee
concerning the accuracy of the information contained herein and further does not guarantee that the use of such information will not infringe the rights of any third party. Zoran will not be responsible for any loss or damage of whatever nature
resulting from the use of, or reliance upon, the information. Zoran reserves the right to make changes in the product and/or specifications presented herein at any time without notice.
Zoran Corporation
www.zoran.com
imaging.usa@zoran.com
•
imaging.japan@zoran.com
•
imaging.taiwan@zoran.com
•
imaging.korea@zoran.com
IPS Architecture
Zoran’s IPS Applications
(API) Application Programming Interface
Control Services
System Services
(SPI) System Programming Interface
Hardware Services
Storage
Queue Manager • Memory Manager • File System • Time
Color Management • Image Processing • Image Nodes • Image Flow
Image Store • Input/Output • Output Drivers • Connectivity • Compression
• IPS PS3
• IPS PDFt
• IPS FIVE
• IPS XLC
• IPS XPS
Control Program Interface • State Manager • Custom Control
Fax Channel • Net Administration • PJL • Remote Control Panel
RAM • ROM • NVRam • Flash • Disk
Engines
Print • Scan
Drivers &
Host Applications
Parallel • Network
Fax
Data Stream
Hardware
Services &
Storage
Control/System
Services
SPI
API
IPS
Applications
Basic • Tasker messaging • RTOS Kernel Interface
Front Panel • Compress • Image Processing • Custom
This diagram illustrates the layered components of Zoran’s
embedded foundation software technology—IPS.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com