Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CL20 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CL20
Description  Technical Cable Locator PCE-CL 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CL20 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CL20 Datasheet HTML 1Page - PCE Instruments. PCE-CL20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
190 mm x 89 mm x 42.5 mm
7.48 in x 3.50 in x 1.67 in
Weight
420 g / 0.92 lbs (including battery)
Technical specification for cable detector (receiver)
Detection Depth
depends on material and the particular application
Pole Application
about 0 ... 2 m / 0 ... 6.56 ft
Bipolar Application
about 0 ... 0.5 m / 0 ... 1.64 ft
Simple Loop
Up to 2.5 m / 8.2021 ft
Grid Voltage Detection
about 0 ... 0.4 m / 0 ... 1.31 ft
Display
LCD
Power Supply
6 x 1.5V AAA batteries
Power Consumption (minimum voltage)
about 32 mA
Power Consumption (maximum voltage)
approximately 89 mA
Environmental Conditions
0 ... +40 °C / +32 ... +72 ° F
rel. Humidity <80%
Storage Conditions
-20 ... +60 °C / +12 ... +92 ° F
rel. Humidity <80%
Dimensions
241.5 mm x 78 mm x 38.5 mm
9.5 in x 3.07 in x 1.51 in
Weight
350 g / 0.77 lbs (including batteries)
Delivery contents
1 x PCE-CL 20 cable locator (1 x transmitter and 1 x receiver)
2 x alligator clips
2 x measuring tips
2 x test leads
1 x grounding rod
1 x carrying strap
1 x carrying bag
1 x 9 V battery
6 x 1.5 V AAA batteries
1 x user manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com