Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CSM7 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CSM7
Description  Portable Colour Meter PCE-CSM 7 for quality control / PC software included / Lithium-Ion battery / black and white calibration / measurement modes for different colors /
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CSM7 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CSM7 Datasheet HTML 1Page - PCE Instruments. PCE-CSM7 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specification
Illuminating/Viewing Geometry
8/d
Measuring Aperture
Ø8 mm / Ø4 mm
Detector
Silicon photoelectric diode
Color Space
CIEL*a*b*C*h
CIEL a* b*
CIEXYZ
CIERGB
CIEL u* v*
CIEL*C*h°
Yellowness & Whiteness Color Fastness
Color Difference Formula
ΔE*ab; ΔL*ab; ΔE*C*H; ΔECIE94; ΔEHunter
Light source
D65, D50, A
Light source device
LED blue light excitation
Errors between each equipment
<
=0.40ΔE*ab
Storage
100 pcs. standards, 20000 pcs. samples
Repeatability
Standard deviation within ΔE*ab 0.07
Average of 30 measurements of standard white plate
Weight
500 g
Dimension
205 x 70 x 100 mm
Power source
Rechargeable Lithium-Ion battery 3.7 V
Charging Time
8 hours
Measuring times before recharging
more than 3000 times
Lamp Life
5 years, more than 1.6 million measurements
Operating Temperature / Humidity Range
-10 ... +40 °C; 0 ... 85% relative humidity, non
condensation
Data Interface
USB
Delivery content
1 x portable Colour Meter PCE-CSM 7, 1 x transport case, 1 x rechargeable battery, 1 x calibration board, 1 x PC-
Software, 1 x user manual, 2 x blind (4 und 8 mm diameter)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com