Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT25FN Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT25FN
Description  Material Thickness Tester PCE-CT 25FN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT25FN Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT25FN Datasheet HTML 1Page - PCE Instruments. PCE-CT25FN Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 1500 µm
Measurement accuracy
± (3% + 1 µm)
resolution
0.1 µm in the measuring range 0 ... 100 µm
 
1 µm in the measuring range> 100 µm
units
µm, mm, mils
Smallest curvature
convex 5 mm, concave 25 mm
Smallest measuring area
Ø 20 mm
Minimum thickness of the substrate     Fe: 0.3 mm
 
NFe: 0.05 mm
Measuring rate
Max. 2 Hz
Power supply
9 V block battery
Operating conditions
-10 ... 50 ° C, 20 ... 90% RH non-condensing
Storage conditions
-10 ... 60 ° C, 20 ... 90% RH non-condensing
Dimensions
143 x 85 x 39 mm
Weight
approx. 100 g
Housing material
SECTION
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com