Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT26FN Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT26FN
Description  Material Tester PCE-CT 26FN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT26FN Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT26FN Datasheet HTML 1Page - PCE Instruments. PCE-CT26FN Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 1250 μm (0 ... 49.2 mils)
Resolution
1 μm (0.039 mils)
Accuracy
± (3% + 2 μm) or ± (3% + 0.079 mils)
Smallest measuring surface
5 x 5 mm / 0.2 in x 0.2 in
Smallest radius of curvature
Convex. 3 mm (0.1 in) / concave: 50 mm
(2 in)
Smallest thickness of the base material 
      
Fe: at least 0.5 mm / 0.02 in
 
NFe: at least 0.3 mm / 0.01 in
Display
OLED display
Ambient temperature
0 ... 50°C / 32 ... 120°F
Power supply
2 x AAA battery 1.5V
Dimension
100 x 52 x 29 mm / 4 x 2 x 1.1 in
Weight
About 68 g / < 1 lb (without batteries)
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com