Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT27FN Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT27FN
Description  Thickness Meter PCE-CT 27FN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT27FN Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT27FN Datasheet HTML 1Page - PCE Instruments. PCE-CT27FN Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical specifications
Measuring range
0 ... 1250 µm / 0 ... 50 mils
Accuracy
±(2 % + 2 µm) / ±(2 % + 0.1 mils)
Resolution
0.1 µm / 0.1 mil
Operating temperatures -10° C... +50° C / +14° F ... +122° F
Power
2 x 1.5 V batteries
Dimensions
166 mm x 68 mm x 30 mm
6.54 in x 2.68 in x 1.18 in
Weight
0.180 kg / 0.40 lb
More information
Manual
Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com