Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT65 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT65
Description  Coating Thickness Gauge PCE-CT 65
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT65 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT65 Datasheet HTML 1Page - PCE Instruments. PCE-CT65 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ferrous metals
Principle
Magnetic induction
Measuring range
0 ... 1350 µm / 0 ... 53.1 mils
Accuracy
0 ... 1000 µm: (±2.5 % ±2 µm)
1000 µm ... 1350 µm: ±3.5 %
0 ... 39.3 mils: (±2 % ±0.08 mils)
39.3 mils ... 53.1 mils: ±3.5 %
Resolution
0 ... 100 µm: 0.1 µm
100 µm ... 1000 µm: 1 µm
in 1000 mm ... 1350 µm: 0.01 mm
0 ... 10 mils: 0.01 mils
10 mils ... 53.1 mils: 0 ... 1 mils
Smallest surface
Ø 7 mm / Ø 0.3 in
Min. curvature radius
1.5 mm / 0.05 in
Min. substrate thickness 0.5 mm / 0.02 in
Non-ferrous metals
Principle
Eddy current
Measuring range
0 ... 1350 µm / 0 ... 53.1 mils
Accuracy
0 ... 1000 µm: ±(2.5 % ±2 µm)
1000 µm ... 1350 µm: ±3.5 %
0 ... 39.3 mils: ±(2 % ±0.08 mils)
39.3 mils ... 53.1 mils: ±3.5 %
Resolution
0 ... 100 µm: 0.1 .mu.m
100 µm ... 1000 µm: 1 µm
in 1000 mm ... 1350 µm: 0.01 mm
0 ... 10 mils: 0.01 mils
10 mils ... 53.1 mils: 0 ... 1 mils
Smallest surface
Ø 5 mm / Ø 0.2 in
Min. curvature radius
3 mm / 0.1 in
Min. substrate thickness 0.3 mm / 0.01 in
Units
µm, mils
Functions
Alarm function, display lighting, automatic shutdown,
calibration, memory function
Memory option
30 storage groups with a capacity of 50 measurements
each = 1500 measurements total
Interface
USB
Environmental conditions 
                        
0 ... 40°C / 32° F ... 104°F, 20% ... 90% rh
Power supply
2 x 1.5V AAA batteries
More information
Manual
Software Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com