Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PWM10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PWM10
Description  Pump Calibrator PCE-PWM 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PWM10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PWM10 Datasheet HTML 1Page - PCE Instruments. PCE-PWM10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pump Calibrator PCE-PWM 10
Pump Calibrator for high-efficiency pumps / PWM and 0 ... 10 testing /
bidirectional testing possible / measurement and generation of test signals
The Pump Calibrator is suitable for testing and setting high-efficiency pumps (HE pumps). The Pump Calibrator can be used both as an
encoder and as a receiver of PWM signals. The Pump Calibrator is thus able to test the pump controller in addition to the HE pump. PWM
signals between 40 ... 2000 Hz can be generated at the output of the Pump Calibrator. The widespread 0 ... 10 V process signal can also be
simulated by the Pump Calibrator. For testing bidirectional HE pumps, PWM signals can be sent and received by the Pump Calibrator at the
same time. In addition, the volume flow or the pump status of the Pump Calibrator is displayed.
The set-points and actual values are visualized on the illuminated LC display. The low weight and compact dimensions ensure that the HE tester
finds its place in every tool case. This makes the Pump Calibrator a safe test device for every installer of heating and ventilation systems. The
Pump Calibrator is supplied with 3 x 1.5 V batteries and is protected according to IP54.
PWM simulation
0 ... 10 V output
Measurement and simulation
Testing of HE pumps
Easy to read display
Display of volume flow or pump status


Similar Part No. - PCE-PWM10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PWT10 PCE-PCE-PWT10 Datasheet
294Kb / 2P
Conductivity Meter PCE-PWT 10
More results

Similar Description - PCE-PWM10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com