Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SC09-ICA Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SC09-ICA
Description  Class I Acoustic Calibrator PCE-SC 09-ICA incl. ISOCalibration Certificate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SC09-ICA Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SC09-ICA Datasheet HTML 1Page - PCE Instruments. PCE-SC09-ICA Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Sound pressure level
94 dB, 114 dB
Accuracy class
IEC 942, class 1
Sound level accuracy
± 0.3 dB (20°C / 68°F, 760 mm Hg)
 
Frequency
1000 Hz for A, B, C and D frequency weighting
Accuracy frequency
± 0.01%
 
Microphone size
1 inch, with adapter: 1/2 inch, 1/4 inch
Display
digital
Height dependency
0.1 dB per 610 m difference in height from zero level
Temperature coefficient    0 ... 0.01 dB / °C / °F
Battery status
Graphical display of the battery status
Power supply
2 x 1.5V AA batteries
Operating conditions
-10… 50°C / 14 ... 122°F
20 ... 90% r. H., not condensing
Storage conditions
-40 ... 65°C / -40 ... 149°F
20 ... 90% r. H., non-condensing (without battery)
Dimensions
100 mm x 100 mm x 75 mm / 3.9 x 3.9 x 3 in (L x W x H)
Weight
250 g / < 1 lb
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com