Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-WNM100 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-WNM100
Description  Whiteness Meter PCE-WNM 100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WNM100 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-WNM100 Datasheet HTML 1Page - PCE Instruments. PCE-WNM100 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 120
Resolution
0.1
Offset drift
< 0.1
Repeatability
< 0.5
Measurement geometry
45/0
Light source
LED 457 nm
Calculation of the whiteness     ISO R457 (blue light whiteness)
Measurement area
18 x 11 mm
Power supply
Lithium ion battery
Operating conditions
0 ... 40°C / 32 ... 104°F; <85% rh
Weight
305 g / < 1 lb
Dimensions
140 x 45 x 75 mm / 5.5 x 1.8 x 3 in 
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com