Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8514P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA8514P
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514P Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA8514P Datasheet HTML 1Page - NXP Semiconductors PCA8514P Datasheet HTML 2Page - NXP Semiconductors PCA8514P Datasheet HTML 3Page - NXP Semiconductors PCA8514P Datasheet HTML 4Page - NXP Semiconductors PCA8514P Datasheet HTML 5Page - NXP Semiconductors PCA8514P Datasheet HTML 6Page - NXP Semiconductors PCA8514P Datasheet HTML 7Page - NXP Semiconductors PCA8514P Datasheet HTML 8Page - NXP Semiconductors PCA8514P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1995 Nov 27
3
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
1
FEATURES
• Display RAM: 256 × 12 bits
• Display character fonts: 128 (fixed in ROM, mask
programmable)
• Starting position of the first character displayed:
64 vertical and 64 horizontal starting positions can be
selected by software
• Character size: 4 different character sizes on a
line-by-line basis (1 dot = 1H/1V; 2H/2V; 3H/3V and
4H/4V)
• Character matrix: 12 × 18 with no spacing between
characters and no rounding function
• Foreground colours: 16 combinations of Red, Green,
Blue and Intensity on character-by-character basis
• Background/shadowing modes: 4 modes available, No
background, Box shadowing, North-West shadowing
and Frame shadowing (raster blanking) on frame basis
• Background colours: 16 combinations of Red, Green,
Blue and Intensity on word-by-word basis. Available
when background mode is in either the Box shadowing,
North-West shadowing or Frame shadowing mode
• OSD oscillator: on-chip Phase-Locked Loop (PLL)
• Character blinking ratio: 1 : 1, 1 : 3 and 3 : 1
(programmable frequency of 1
⁄16, 1⁄32, 1⁄64 or 1⁄128 of
fVSYNC) on character basis
• Display format: flexible display format by using the
Carriage Return Code, maximum number of characters
per line is also flexible and depends upon the OSD clock
frequency
• Spacing between lines: 4 choices comprising 0, 4, 8 and
12 horizontal scan lines
• Display character RAM address auto-post-increment
when writing data
• Fast I2C-bus serial interface (400 kbaud) or High-speed
3-wire serial interface (1 Mbaud) for data/command
transfer
• ACM (Active Character Monitor) specifically for use in
camcorder applications on word basis; can also be used
as a 5th colour control with R, G, B and I signals
• Programmable active input polarity of HSYNC and
VSYNC
• Programmable output polarity of R, G, B, I and FB
• Supply voltage: 5 V ±10%
• Operating temperature: −20 to +70 °C
• Package: SDIP24 or SO24.
2
GENERAL DESCRIPTION
The PCA8514 is a member of the PCA85XX CMOS family
and is an on-screen character display generator controlled
by a microcontroller via the on-chip fast I2C-bus interface
or the on-chip High-speed 3-wire serial interface. It is
suitable for use in high-end TV or camcorder applications
and has also been designed for use in conventional
mid-end TV with advanced graphic features.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA8514P
SDIP24
plastic shrink dual in-line package; 24 leads (400 mil)
SOT234-1
PCA8514T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com