Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0002
Description  Low Noise Amplifier 1.575 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0002 Datasheet HTML 1Page - Tyco Electronics AM50-0002 Datasheet HTML 2Page - Tyco Electronics AM50-0002 Datasheet HTML 3Page - Tyco Electronics AM50-0002 Datasheet HTML 4Page - Tyco Electronics AM50-0002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
SOIC-8
Recommended PCB Configuration
Absolute Maximum Ratings1
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Channel Temperature 2
+150 °C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
1. Operation of this device outside these limits may cause
permanent damage.
2. Typical thermal resistance (θjc) = +165 °C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com