Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM501 Datasheet(PDF) 1 Page - CUI Devices

Part # CDM501
Description  M5 CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM501 Datasheet(HTML) 1 Page - CUI Devices

  CDM501 Datasheet HTML 1Page - CUI Devices CDM501 Datasheet HTML 2Page - CUI Devices CDM501 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 12/12/2023
page 1 of 3
SERIES: CDM501 | DESCRIPTION: M5 CONNECTOR
cuidevices.com
FEATURES
• M5 male connector
• A Code
• panel mount
• IP67
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
60
V
rated current
1
A
withstanding voltage
for 1 minute
600
Vac
contact resistance
5
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
insertion/withdrawal force
0.3
1.5
kgf
operating temperature
-25
80
°C
life
100
cycles
safety approvals
compliant with IEC61076-2-105
flammability rating
see material table
RoHS
yes
IP level
IP67 (in mated condition)
packaging
carton size: 280 x 225 x 340 mm
carton QTY: 1,680 pcs per carton
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 5 seconds
260
°C
PART NUMBER KEY
Base Number
CDM501 - XXX - MP - F505 - 67
No. of Poles:
03A = 3 (A-Coding)
04A = 4 (A-Coding)
Additional Resources: Product Page


Similar Part No. - CDM501

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDM502 CUID-CDM502 Datasheet
342Kb / 3P
M5 CONNECTOR
12/12/2023
CDM502-03A-FP-F775-67 CUID-CDM502-03A-FP-F775-67 Datasheet
342Kb / 3P
M5 CONNECTOR
12/12/2023
CDM502-04A-FP-F775-67 CUID-CDM502-04A-FP-F775-67 Datasheet
342Kb / 3P
M5 CONNECTOR
12/12/2023
CDM503 CUID-CDM503 Datasheet
336Kb / 3P
M5 CONNECTOR
12/12/2023
CDM503-03A-MP-R505-67 CUID-CDM503-03A-MP-R505-67 Datasheet
336Kb / 3P
M5 CONNECTOR
12/12/2023
More results

Similar Description - CDM501

ManufacturerPart #DatasheetDescription
logo
NorComp
850-003-203RSSY NORCOMP-850-003-203RSSY Datasheet
70Kb / 1P
M5 SERIES
Rev.07
850-004-203RLUY NORCOMP-850-004-203RLUY Datasheet
69Kb / 1P
M5 SERIES
Rev.07
851-002-203R00Y NORCOMP-851-002-203R00Y Datasheet
73Kb / 1P
M5 SERIES
Rev.05
851-004-10SR004 NORCOMP-851-004-10SR004 Datasheet
76Kb / 1P
M5 SERIES
Rev.00
852-002-113R00Y NORCOMP-852-002-113R00Y Datasheet
71Kb / 1P
M5 SERIES
Rev.07
852-004-213R00Y NORCOMP-852-004-213R00Y Datasheet
77Kb / 1P
M5 SERIES
Rev.05
logo
CUI Devices
CDM513 CUID-CDM513 Datasheet
308Kb / 3P
M5 CABLE
12/18/2023
CDM516 CUID-CDM516 Datasheet
311Kb / 3P
M5 CABLE
12/18/2023
CDM518 CUID-CDM518 Datasheet
306Kb / 3P
M5 CABLE
12/18/2023
CDM519 CUID-CDM519 Datasheet
307Kb / 3P
M5 CABLE
12/18/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com