Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7623-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # A7623-S08-R
Description  2횞75??DRIVER IC WITH 3 INTERNAL CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7623-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  A7623-S08-R Datasheet HTML 1Page - Unisonic Technologies A7623-S08-R Datasheet HTML 2Page - Unisonic Technologies A7623-S08-R Datasheet HTML 3Page - Unisonic Technologies A7623-S08-R Datasheet HTML 4Page - Unisonic Technologies A7623-S08-R Datasheet HTML 5Page - Unisonic Technologies A7623-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A7623
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R121-014,A
TEST CIRCUIT
5
6
7
8
4
3
2
1
75Ω
driver
75Ω
driver
75Ω
driver
+
75
470μ
75
+
75
470μ
75
+
75
470μ
75
+
47μF
22nF
VCC = 5V
+
1μ
2.1V
1k
600
+
75
1000μ
75
75
75
Fig.1
The circuit for driving one75Ω output load.
The circuit for driving two 75Ω output loads is as
GND
sine wave
staircase signal
+
1μ
2.1V
1k
600
sine wave
staircase signal
+
1μ
2.1V
1k
600
sine wave
staircase signal
test point



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com