Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9898 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9898 Datasheet HTML 17Page - Analog Devices AD9898 Datasheet HTML 18Page - Analog Devices AD9898 Datasheet HTML 19Page - Analog Devices AD9898 Datasheet HTML 20Page - Analog Devices AD9898 Datasheet HTML 21Page - Analog Devices AD9898 Datasheet HTML 22Page - Analog Devices AD9898 Datasheet HTML 23Page - Analog Devices AD9898 Datasheet HTML 24Page - Analog Devices AD9898 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
REV. 0
AD9898
–21–
Table IX. Precision Timing Edge Locations for RG, H1, SHP, SHD, DCLK, and DOUTPHASE
RG Rising Edge
RG Falling Edge
Signal Name
Quadrant
(Not Programmable)
RGNEGLOC
Quadrant Range
RG
I
Fixed at 000000
000000 to 001011
P[0] to P[11]
II
Fixed at 000000
010000 to 011011
P[12] to P[23]
III
Fixed at 000000
100000 to 101011
P[24] to P[35]
IV
Fixed at 000000
110000 to 111011
P[36] to P[47]
H1 Rising Edge
H1 Falling Edge
Signal Name
Quadrant
H1POSLOC
Quadrant Range
(Not Programmable)
H1
I
000000 to 001011
P[0] to P[11]
H1POSLOC + 24 Steps
II
010000 to 011011
P[12] to P[23]
H1POSLOC + 24 Steps
III
100000 to 101011
P[24] to P[35]
H1POSLOC + 24 Steps
IV
110000 to 111011
P[36] to P[47]
H1POSLOC + 24 Steps
cds Rising Edge
cds Falling Edge
Signal Name
Quadrant
SHPLOC
Quadrant Range
SHDLOC
Quadrant Range
cds
I
000000 to 001011
P[0] to P[11]
000000 to 001011
P[0] to P[11]
II
010000 to 011011
P[12] to P[23]
010000 to 011011
P[12] to P[23]
III
100000 to 101011
P[24] to P[35]
100000 to 101011
P[24] to P[35]
IV
110000 to 111011
P[36] to P[47]
110000 to 111011
P[36] to P[47]
Data Output[9:0] Rising Edge
Data Output[9:0] Falling Edge
Signal Name
Quadrant
DOUTPHASE
Quadrant Range
(Not Programmable)
Data Output[9:0]
I
000000 to 001011
P[0] to P[11]
DOUTPHASE + 24 Steps
II
010000 to 011011
P[12] to P[23]
DOUTPHASE + 24 Steps
III
100000 to 101011
P[24] to P[35]
DOUTPHASE + 24 Steps
IV
110000 to 111011
P[36] to P[47]
DOUTPHASE + 24 Steps
Signal Name
DCLKPHASE Value
DCLKPHASE Rising Edge
DCLKPHASE Falling Edge
DCLK1
00
P[6]
P[26]
01
P[16]
P[36]
10
P[26]
P[06]
11
P[36]
P[16]
Table VIII. RG, H1, SHP, SHD, DCLK, and DOUTPHASE Timing Parameters
Register Name
Bit Width
Register Type
Range
Description
RGNEGLOC
6
Control (Addr 0x03)
0–47 Edge Location
Falling Edge Location for RG
H1POSLOC
6
Control (Addr 0x03)
0–47 Edge Location
Positive Edge Location for H1
SHPLOC
6
Control (Addr 0x02)
0–47 Edge Location
Sample Location for SHP
SHDLOC
6
Control (Addr 0x02)
0–47 Edge Location
Sample Location for SHD
DOUTPHASE
6
Control (Addr 0x02)
0–47 Edge Location
Phase Location of Data Output [9:0]
DCLKPHASE
6
Control (Addr 0x02)
0–47 Edge Location
Positive Edge of DCLK 1
The 2 MSB are used to select the quadrant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com