Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9937 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9937 Datasheet HTML 17Page - Analog Devices AD9937 Datasheet HTML 18Page - Analog Devices AD9937 Datasheet HTML 19Page - Analog Devices AD9937 Datasheet HTML 20Page - Analog Devices AD9937 Datasheet HTML 21Page - Analog Devices AD9937 Datasheet HTML 22Page - Analog Devices AD9937 Datasheet HTML 23Page - Analog Devices AD9937 Datasheet HTML 24Page - Analog Devices AD9937 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
REV. 0
AD9937
–21–
ANALOG FRONT END DESCRIPTION AND OPERATION
The AD9937 AFE signal processing chain is shown in Figure 11.
Each processing step is essential in achieving a high quality image
from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1
µF series coupling
capacitor. This restores the dc level of the CCD signal to approxi-
mately 1.5 V to be compatible with the 3 V analog supply of
the AD9937.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low frequency noise. The timing
diagram in Figure 13 illustrates how the two internally gener-
ated CDS clocks, SHP and SHD, are used to sample the
reference level and the data level, respectively, of the CCD
signal. The placement of the SHP and SHD sampling edges is
determined by the setting of the SHPLOC (addr 0x05) and
SHDLOC (addr 0x05) control registers. Placement of these two
clock edges is critical in achieving the best performance from
the CCD.
6dB TO 40dB
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
ADC
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL
SCALE
10
PRECISION
TIMING
GENERATION
SHP
SHD
1.5V
OUTPUT
DATA
LATCH
REFT
REFB
DOUT
PHASE
V-H
TIMING
GENERATION
SHP
SHD
DOUT
PHASE
CLPOB
1.0V
2.0V
DOUT
8
1.0 F
1.0 F
CCDIN
AD9937
0.1 F
Figure 11. AFE Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com