Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9937KCPRL Datasheet(PDF) 39 Page - Analog Devices

Part # AD9937KCPRL
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937KCPRL Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9937KCPRL Datasheet HTML 35Page - Analog Devices AD9937KCPRL Datasheet HTML 36Page - Analog Devices AD9937KCPRL Datasheet HTML 37Page - Analog Devices AD9937KCPRL Datasheet HTML 38Page - Analog Devices AD9937KCPRL Datasheet HTML 39Page - Analog Devices AD9937KCPRL Datasheet HTML 40Page - Analog Devices AD9937KCPRL Datasheet HTML 41Page - Analog Devices AD9937KCPRL Datasheet HTML 42Page - Analog Devices AD9937KCPRL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
REV. 0
AD9937
–39–
RS, H2(A, B), LM
1
2
45
6
7
ODD FIELD
ODD FIELD
EVEN FIELD
1V
1H
tDELAY3
tSETTINGS2
tPWR1
V1A/B, V2, V3A/B, V4, TG1A, TG1B, TG3A, TG3B,
OFD, H1(A, B, C, D)
VDD
(INPUT)
VD
(OUTPUT)
DIGITAL
OUTPUTS
VCKM
HD
(OUTPUT)
SERIAL
WRITES
VCLK
OUTCONT
(REGISTER
CONTROLLED)
INTERNAL
POWER-ON
AUTO-RESET
(LO-ACTIVE)
NOTES
1THE INTERNAL POWER-ON AUTO RESET TIME t
PWR = 1.0ms REGARDLESS OF THE VCLK CLOCK FREQUENCY.
2IT TAKES 500 s FOR VCLK TO SETTLE ONCE THE DIG_STBY REGISTER HAS BEEN PROGRAMMED.
3IT TAKES FOUR VCKM CLOCK CYCLES FROM WHEN OUTCONT IS ASSERTED HIGH UNTIL THE VD, HD, AND DIGITAL OUTPUT DATA IS VALID.
Figure 37. Recommended Power-Up Sequence
POWER-UP FOR MASTER MODE
When the AD9937 is powered up, the following sequence is
recommended. (Refer to Figure 37 for each step.)
1. Turn on power supplies for AD9937.
2. The internal power-on auto-reset circuit will deassert
1.0 ms after VDD settles. (All internal registers are reset to
the default values.)
3. The VCKM clock can be applied as soon as VDD settles.
4. Reset the internal AD9937 registers: write a 0x000000 to
the SW_RESET register (addr 0x00). This will set all inter-
nal register values to their default values. (This step is optional
because the internal power-on reset circuit is applied at
power-up.)
5. Write a 1 to the DIG_STBY and AFE_STBY registers
(addr 0x02). This will put the digital and analog circuits into
the normal operating mode.
6. Program all control, system, and mode registers.
7. Write a 1 to the OUTCONT_REG (addr 0x01). This will put
the digital outputs into the normal operating mode. The inter-
nal OUTCONT will be asserted high on the rising edge of the
32nd SCK clock when writing to the OUTCONT_REG.
Table XVIII. Start-Up Polarities
(While OUTCONT = LO)
Output
OUTCONT = LO
V1A/B
HI
V2
HI
V3A/B
HI
V4
HI
TG1A
HI
TG1B
HI
TG3A
HI
TG3B
HI
OFD
HI
H1(A–D)
HI
H2(A, B)
LO
LM
LO
RS
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com