Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8581C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8581C
Description  128 x 8-bit EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8581C Datasheet HTML 4Page - NXP Semiconductors PCA8581C Datasheet HTML 5Page - NXP Semiconductors PCA8581C Datasheet HTML 6Page - NXP Semiconductors PCA8581C Datasheet HTML 7Page - NXP Semiconductors PCA8581C Datasheet HTML 8Page - NXP Semiconductors PCA8581C Datasheet HTML 9Page - NXP Semiconductors PCA8581C Datasheet HTML 10Page - NXP Semiconductors PCA8581C Datasheet HTML 11Page - NXP Semiconductors PCA8581C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Apr 02
8
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
To transmit eight bytes in sequential order, begin with the lowest address bits 0 0 0. The data is written after a stop is
detected. The data is only written if complete bytes have been received and acknowledged. Writing takes a time tWR
(6 to 10 ms) during which the device will not respond to its slave address. Note that to write the next row, a new write
operation is required (start, slave address, row address, data and stop).
An unlimited number of data bytes can be read in one operation. The address is automatically incremented. If a read
without setting the word address is performed after a write operation, the address pointer may point at a byte in the row
after the previously written row. This occurs if, during writing, the three lowest address bits (column) rolled over.
Fig.9 Master reads after setting word address (WRITE word address; READ data).
handbook, full pagewidth
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
X
don't
care
acknowledgement
from master
A
DATA
auto increment
memory word address
MLB891
P
no acknowledgement
from master
1
DATA
auto increment
memory word address
last byte
R/W
S1
n bytes
at this moment master -
transmitter becomes
master - receiver and
PCA8581(C) slave - receiver
becomes slave - transmitter
Fig.10 Master reads slave immediately after first byte (READ mode).
handbook, full pagewidth
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
word address
MBD824
auto increment
word address
n bytes
last bytes
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com