Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RDM5 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RDM5
Description  Environmental Meter PCE-RDM 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RDM5 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RDM5 Datasheet HTML 1Page - PCE Instruments. PCE-RDM5 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Radiation min/max
 
Measuring range min.
0,08 µSv/h
Measuring range max.
9.999 µSv/h
Resolution
0,01 µSv/h
 
 
General technical data - Specific 
Data interface
USB-C
Battery capacity
400 mAh
Response time
10 s
 
 
General technical data
Menu language
English
Protection class
IP20
Weight
45 g
Net weight
57 g
Weight gross
141 g
Length
105 mm
Width
27 mm
Height
17 mm
Operating conditions
-10 – 50 °C, 10 – 95 %
Storage conditions
-10 – 50 °C, 10 – 95 %
 
 
More information
Datasheet
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com