Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12TQ035PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 12TQ035PBF
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12TQ035PBF Datasheet(HTML) 1 Page - International Rectifier

  12TQ035PBF Datasheet HTML 1Page - International Rectifier 12TQ035PBF Datasheet HTML 2Page - International Rectifier 12TQ035PBF Datasheet HTML 3Page - International Rectifier 12TQ035PBF Datasheet HTML 4Page - International Rectifier 12TQ035PBF Datasheet HTML 5Page - International Rectifier 12TQ035PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
15 Amp
Bulletin PD-20829 rev. A 04/06
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular
15
A
waveform
V
RRM range
35/ 45
V
I
FSM @ tp = 5 μs sine
990
A
V
F
@15 Apk, T
J = 125°C
0.50
V
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
Description/ Features
The 12TQ...PbF Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable opera-
tion up to 150° C junction temperature. Typical applications
are in switching power supplies, converters, free-wheeling
diodes, and reverse battery protection.
150° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
12TQ...PbF Series
IF(AV) = 15Amp
VR = 35/ 45V
Case Styles
TO-220AC
Anode
1
3
Cathode
Base
Cathode
2


Similar Part No. - 12TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TQ035PBF VISHAY-12TQ035PBF Datasheet
121Kb / 6P
Schottky Rectifier, 15 A
05-Jun-08
More results

Similar Description - 12TQ035PBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com