Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RAM10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RAM10
Description  Geiger Counter PCE-RAM 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RAM10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RAM10 Datasheet HTML 1Page - PCE Instruments. PCE-RAM10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Types of radiation
α-, β-, γ- and x- radiation
Measurement ranges
Radiation dose rate: 0.01 ... 1000 μSv / h
Pulse dose rate: 0 ... 30,000 cpm, 0 ... 5000 cps
Radiation dose accumulation: 0.001 ... μSv ... 9.999 Sv
Pulse dose accumulation: 0 ... 9,999
Sensitivity
108 pulses or 1000 cpm / mR / hr in Cobalt-60
irradiated environment with current of 1 μSv / h
Alpha rays: from 4 MeV
Beta rays: from 0.2 MeV
Gamma rays: from 0.02 MeV
X-rays: from 0.02 MeV
Accuracy
<10% (less than 500 μSv / hr)
<20% (less than 600 μSv / hr)
Radiation selection
Combination of α-, β-, γ- and X-rays
Sensor
Halogen compensation accumulator
Output port
Bluetooth
Average process time
Manual or automatic, adjustable between 2 ...
12seconds
Display
Digital LCD display, with bar graph display
Alarm function
Acoustic alarm for manually selected value
Normal radiation value of
natural environment
Less than 0 ... 0.2 μSv / h
Internal data storage
Automatic memory for <2000 measured values
Software
Data transmission in real-time, analysis andrecording
Operation temperature
0 ... +50°C / 0 ... 122°F
Power supply
4 x 1.5V AA Batteries
Dimensions
200 x 70 x 45 mm / 7.9 x 2.8 x 1.8 in
Weight
206 g / < 1 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com